Electronic Components Datasheet Search
  English  ▼

X  

TPL0102 Datasheet(PDF) 35 Page - Texas Instruments

Part # TPL0102
Description  TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0102 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TPL0102 Datasheet HTML 31Page - Texas Instruments TPL0102 Datasheet HTML 32Page - Texas Instruments TPL0102 Datasheet HTML 33Page - Texas Instruments TPL0102 Datasheet HTML 34Page - Texas Instruments TPL0102 Datasheet HTML 35Page - Texas Instruments TPL0102 Datasheet HTML 36Page - Texas Instruments TPL0102 Datasheet HTML 37Page - Texas Instruments TPL0102 Datasheet HTML 38Page - Texas Instruments TPL0102 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
HA
LA
WA
HB
LB
WB
A2
VDD
A0
A1
GND
SCL
SDA
VSS
TPL0102
Via to GND Plane
Via to VDD Power Plane
Via to VSS Power Plane
35
TPL0102
www.ti.com
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
Product Folder Links: TPL0102
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
To ensure reliability of the device, please follow common printed-circuit board layout guidelines.
•
Leads to the input should be as direct as possible with a minimum conductor length.
•
The ground path should have low resistance and low inductance.
•
Short trace-lengths should be used to avoid excessive loading.
•
It is common to have a dedicated ground plane on an inner layer of the board.
•
Terminals that are connected to ground should have a low-impedance path to the ground plane in the form of
wide polygon pours and multiple vias.
•
Bypass capacitors should be used on power supplies and should be placed as close as possible to the VDD
and VSS pins.
•
Apply low equivalent series resistance 0.1 µF to 10 µF tantalum or electrolytic capacitors at the supplies to
minimize transient disturbances and to filter low frequency ripple.
•
To reduce the total I2C bus capacitance added by PCB parasitics, data lines (SCL and SDA) should be a
short as possible and the widths of the traces should also be minimized (e.g. 5-10 mils depending on copper
weight).
10.2 Layout Example
Figure 37. TPL0102 Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com