Electronic Components Datasheet Search
  English  ▼

X  

TPL0102 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPL0102
Description  TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0102 Datasheet(HTML) 4 Page - Texas Instruments

  TPL0102 Datasheet HTML 1Page - Texas Instruments TPL0102 Datasheet HTML 2Page - Texas Instruments TPL0102 Datasheet HTML 3Page - Texas Instruments TPL0102 Datasheet HTML 4Page - Texas Instruments TPL0102 Datasheet HTML 5Page - Texas Instruments TPL0102 Datasheet HTML 6Page - Texas Instruments TPL0102 Datasheet HTML 7Page - Texas Instruments TPL0102 Datasheet HTML 8Page - Texas Instruments TPL0102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
4
TPL0102
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
www.ti.com
Product Folder Links: TPL0102
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(3)
All voltages are with respect to ground, unless otherwise specified.
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2) (3)
MIN
MAX
UNIT
VDD to GND
Supply voltage
–0.3
7
V
VSS to GND
–7
0.3
V
VDD to VSS
7
V
VH, VL, VW
Voltage at resistor terminals
VSS – 0.3
VDD + 0.3
V
VI
Digital input voltage
–0.3
VDD + 0.3
V
IH, IL, IW
Pulse current
±20
mA
Continuous current
±2
mA
Tstg
Storage temperature
-65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
Single supply operation (VSS = 0 V)
2.7
5.5
V
Dual supply operation (VSS = –VDD)
2.25
2.75
VH, VL
Terminal voltage range
VSS
VDD
V
VIH
Digital input voltage high (SCL, SDA, A0, A1, A2)
0.7 × VDD
5.5
V
VIL
Digital input voltage low (SCL, SDA, A0, A1, A2)
0
0.3 × VDD
V
IW
Wiper current
±2
mA
TA
Ambient temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC (1)
TPL0102
UNIT
PW (TSSOP)
RUC (X2QFN)
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
112.9
119.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
39.9
51.3
°C/W
RθJB
Junction-to-board thermal resistance
55.9
59.0
°C/W
ψJT
Junction-to-top characterization parameter
3.5
1.2
°C/W
ψJB
Junction-to-board characterization parameter
55.2
59.0
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com