Electronic Components Datasheet Search
  English  ▼

X  

TPS23754PWPR Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS23754PWPR
Description  TPS2375x IEEE 802.3at, High Efficiency, PoE Interface and DC-DC Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS23754PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS23754PWPR Datasheet HTML 17Page - Texas Instruments TPS23754PWPR Datasheet HTML 18Page - Texas Instruments TPS23754PWPR Datasheet HTML 19Page - Texas Instruments TPS23754PWPR Datasheet HTML 20Page - Texas Instruments TPS23754PWPR Datasheet HTML 21Page - Texas Instruments TPS23754PWPR Datasheet HTML 22Page - Texas Instruments TPS23754PWPR Datasheet HTML 23Page - Texas Instruments TPS23754PWPR Datasheet HTML 24Page - Texas Instruments TPS23754PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Idle
Detect
Class
Mark
Class
Mark
Class
Between
Ranges
Between
Ranges
Operating
T2P
open-drain
Operating
T2P low
Mark
Reset
Between
Ranges
UVLO
Rising
UVLO
Falling
UVLO
Rising
UVLO
Falling
TYPE2PSE
HardwareClass
Class
Mark
Mark
Reset
TYPE1PSE
HardwareClass
21
TPS23754, TPS23754-1, TPS23756
www.ti.com
SLVS885I – OCTOBER 2008 – REVISED DECEMBER 2017
Product Folder Links: TPS23754 TPS23754-1 TPS23756
Submit Documentation Feedback
Copyright © 2008–2017, Texas Instruments Incorporated
Figure 23. Two-Event Class Internal States
7.4.1.5 Inrush and Start-Up
802.3at has a start-up current and time limitation, providing type 2 PSE compatibility for type 1 PDs. A type 2
PSE limits output current to from 400 mA to 450 mA for up to 75 ms after power up (applying 48 V to the PI) to
mirror type 1 PSE functionality. The type 2 PSE supports higher output current after 75 ms. The TPS23754
implements a 140-mA inrush current, which is compatible with all PSE types. A high-power PD must control its
converter start-up peak and operational currents drawn to less than 400 mA for 80 ms. The TPS23754 device's
internal soft-start permits control of the converter start-up; however, the application circuits must assure that their
power draw does not cause the PD to exceed the current/time limitation. This requirement implicitly requires
some form of powering down sections of the application circuits. T2P becomes valid within tT2P after switching
starts, or if an adapter is plugged in while the PD is operating from a PSE.
7.4.1.6 Maintain Power Signature
The MPS is an electrical signature presented by the PD to assure the PSE that it is still present after operating
voltage is applied. A valid MPS consists of a minimum DC current of 10 mA (or a 10-mA pulsed current for at
least 75 ms every 325 ms) and an AC impedance lower than 26.3 k
Ω in parallel with 0.05 μF. The AC impedance
is usually accomplished by the minimum operating CIN requirement of 5 μF. When either APD or DEN is used to
force the hotswap switch off, the DC MPS will not be met. A PSE that monitors the DC MPS will remove power
from the PD when this occurs. A PSE that monitors only the AC MPS may remove power from the PD.
7.4.1.7 Start-Up and Converter Operation
The internal PoE undervoltage lockout (UVLO) circuit holds the hotswap switch off before the PSE provides full
voltage to the PD. This prevents the converter circuits from loading the PoE input during detection and
classification. The converter circuits discharge CIN, CVC, and CVB while the PD is unpowered. Thus VVDD-VRTN will
be a small voltage just after full voltage is applied to the PD, as seen in Figure 22. The PSE drives the PI voltage
to the operating range once it has decided to power up the PD. When VVDD rises above the UVLO turnon
threshold (VUVLO-R, about 35 V) with RTN high, the TPS23754 device enables the hotswap MOSFET with an
approximately 140-mA (inrush) current limit as seen in Figure 24. Converter switching is disabled while CIN
charges and VRTN falls from VVDD to nearly VVSS, however the converter start-up circuit is allowed to charge CVC
(the bootstrap start-up capacitor). Additional loading applied between VVDD and VRTN during the inrush state may
prevent successful PD and subsequent converter start-up. Converter switching is allowed if the PD is not in
inrush, OTSD is not active, and the VC UVLO permits it. Once the inrush current falls about 10% less than the
inrush current limit, the PD current limit switches to the operational level (about 970 mA). Continuing the start-up
sequence shown in Figure 24, VVC continues to rise until the start-up threshold (VCUV, about 15 V or about 9 V) is
exceeded, turning the start-up source off and enabling switching. The VB regulator is always active, powering the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com