Electronic Components Datasheet Search
  English  ▼

X  

TPS23754PWPR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS23754PWPR
Description  TPS2375x IEEE 802.3at, High Efficiency, PoE Interface and DC-DC Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS23754PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS23754PWPR Datasheet HTML 9Page - Texas Instruments TPS23754PWPR Datasheet HTML 10Page - Texas Instruments TPS23754PWPR Datasheet HTML 11Page - Texas Instruments TPS23754PWPR Datasheet HTML 12Page - Texas Instruments TPS23754PWPR Datasheet HTML 13Page - Texas Instruments TPS23754PWPR Datasheet HTML 14Page - Texas Instruments TPS23754PWPR Datasheet HTML 15Page - Texas Instruments TPS23754PWPR Datasheet HTML 16Page - Texas Instruments TPS23754PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
D
CLRB
Q
Oscillator
1
GATE
V
DD1
Reg
V
C
V
B
Ref
CTL
FRS
Control
enb
CONV.
OFF
+
-
4ms
Softstart
0.55V
-
+
-
CK
11V&
9V
22V&
21.25V
35V&
30.5V
Class
Logic&
Regulator
V
DD
50mW
1
0
S
R Q
12.5V
&1V
ILIM
H
L
V
SS
Common
Circuitsand
PoE Thermal
Monitor
RTN
CLS
APD
V
SS
DEN
+
-
400ms
EN
2.5V
CONV.
OFF
4V
1.5V
&1.2V
ARTN
+
0.75V
PPD
GAT2
DT
COM
ARTN
T2P
ARTN
pa
sa
1.55V
&1.25V
ARTN
Converter
Thermal
Monitor
f
f
ss
t2
T2
State
Eng.
t2
5V
&4V
pa,sa,den
CTL
f
GlobalCvtr.
Enable
50kW
50kW
BLNK
ARTN
CS
40mA
(pk)
3.75kW
enb
Hotswap
MOSFET
Switch
Matrix
fpd
7.8V
den
uvlo
uvlo, fpd
uvlo
13
TPS23754, TPS23754-1, TPS23756
www.ti.com
SLVS885I – OCTOBER 2008 – REVISED DECEMBER 2017
Product Folder Links: TPS23754 TPS23754-1 TPS23756
Submit Documentation Feedback
Copyright © 2008–2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS23754 and TPS23756 devices have a PoE that contains all of the features needed to implement an
IEEE802.3at type-2 powered device (PD) such as Detection, Classification, Type 2 Hardware Classification, and
140-mA inrush current limit during start-up. It combines a current mode DC-DC controller optimized specifically
for isolated converters.
The TPS23754 and TPS23756 devices integrate a low 0.5-Ω internal switch to allow for up to 0.85 A of
continuous current through the PD during normal operation.
The TPS23754 and TPS23756 devices contain several protection features such as thermal shutdown, current
limit foldback, and a robust 100-V internal switch.
7.2 Functional Block Diagram
7.3 Feature Description
See Figure 27 for component reference designators (RCS for example), and the Electrical Characteristics for
values denoted by reference (VCSMAX for example). Electrical characteristic values take precedence over any
numerical values used in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com