Electronic Components Datasheet Search
  English  ▼

X  

TPS23754PWPR Datasheet(PDF) 30 Page - Texas Instruments

Part # TPS23754PWPR
Description  TPS2375x IEEE 802.3at, High Efficiency, PoE Interface and DC-DC Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS23754PWPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS23754PWPR Datasheet HTML 26Page - Texas Instruments TPS23754PWPR Datasheet HTML 27Page - Texas Instruments TPS23754PWPR Datasheet HTML 28Page - Texas Instruments TPS23754PWPR Datasheet HTML 29Page - Texas Instruments TPS23754PWPR Datasheet HTML 30Page - Texas Instruments TPS23754PWPR Datasheet HTML 31Page - Texas Instruments TPS23754PWPR Datasheet HTML 32Page - Texas Instruments TPS23754PWPR Datasheet HTML 33Page - Texas Instruments TPS23754PWPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
FRS
SW
17250
17250
R
(k ) =
=
= 69
f
(kHz)
250
W
(
)
2
2
DD
SS
RPPD
PPD1
PPD2
24 V
1.1
(V
V
)
P
=
=
= 19.6 mW
R
+ R
3.01 k
+ 32.4 k
´
-
W
W
(
)
(
)
PPDEN
PPDH
ADPTR_OFF
PPDEN
PPDH
PPD1
PPD
PPD2
V
V
V
= V
V
+ R
I
= 14.75 V
R
é
ù
æ
ö
-
-
´
+
ê
ú
ç
÷
ç
÷
ê
ú
è
ø
ë
û
PPDEN
ADPTR_ON
PPDEN
PPD1
PPD
PPD2
V
V
= V
+ R
I
= 18.4 V
R
é
ù
æ
ö
´
+
ê
ú
ç
÷
ê
ú
è
ø
ë
û
ADPTR_ON
PPDEN
PPD1
PPDEN
PPD
PPD2
V
V
18 V 1.55 V
R
=
=
= 31.64 k
V
1.55 V
5 A
I
3.01 k
R
æ
ö æ
ö
ç
÷ ç
÷
-
-
ç
÷
W
ç
÷
ç
÷ ç
÷
+ m
+
ç
÷
ç
÷
W
è
ø
è
ø
30
TPS23754, TPS23754-1, TPS23756
SLVS885I – OCTOBER 2008 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: TPS23754 TPS23754-1 TPS23756
Submit Documentation Feedback
Copyright © 2008–2017, Texas Instruments Incorporated
Typical Application (continued)
4. Calculate RPPD1.
a.
b. Choose RPPD1 = 32.4 kΩ.
5. Check PPD turnon and PPD turnoff voltages.
a.
b.
c. Voltages look acceptable.
6. Check PPD resistor power consumption.
a.
b. Power is acceptable, but resistor values could be increased to reduce the power loss.
The PPD pin can also be used to modify the internal MOSFET UVLO for use with a lower output voltage
PSE (within certain limits). Connect the RPPD1 and RPPD2 dividers directly between VDD and VSS with
the midpoint connected to PPD. For this case and to allow classification, target the minimum PSE OFF
voltage (VADPTR_OFF) > VCU_OFF = 23 V. Then follow the procedure outlined above to select RPPD1, RPPD2,
and determine the PSE ON (VADPTR_ON) and PSE OFF (VADPTR_OFF) voltages ensuring that PSE OFF >
23 V. Lastly, because the RPPD1 and RPPD2 divider is in parallel with RDEN during detection, RDEN must be
increased such that the equivalent detection resistance is 25 kΩ nominal.
8.2.2.12 Setting Frequency (RFRS) and Synchronization
The converter switching frequency is set by connecting RFRS from the FRS pin to ARTN. The frequency may be
set as high as 1 MHz with some loss in programming accuracy as well as converter efficiency. Synchronization
at high duty cycles may become more difficult above 500 kHz due to the internal oscillator delays reducing the
available on-time. As an example:
1. Assume a desired switching frequency (fSW) of 250 kHz.
2. Compute RFRS:
a.
b. Select 69.8 k
Ω.
The TPS23754 device may be synchronized to an external clock to eliminate beat frequencies from a sampled
system, or to place emission spectrum away from an RF input frequency. Synchronization may be accomplished
by applying a short pulse (TSYNC) of magnitude VSYNC to FRS as shown in Figure 30. RFRS should be chosen so
that the maximum free-running frequency is just below the desired synchronization frequency. The
synchronization pulse terminates the potential on-time period, and the off-time period does not begin until the
pulse terminates. The pulse at the FRS pin should reach between 2.5 V and VB, with a minimum width of 22 ns
(above 2.5 V) and rise and fall times less than 10 ns. The FRS node should be protected from noise because it is
high-impedance. An RT on the order of 100 Ω in the isolated example reduces noise sensitivity and jitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com