Electronic Components Datasheet Search
  English  ▼

X  

TPS23754PWPR Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS23754PWPR
Description  TPS2375x IEEE 802.3at, High Efficiency, PoE Interface and DC-DC Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS23754PWPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS23754PWPR Datasheet HTML 25Page - Texas Instruments TPS23754PWPR Datasheet HTML 26Page - Texas Instruments TPS23754PWPR Datasheet HTML 27Page - Texas Instruments TPS23754PWPR Datasheet HTML 28Page - Texas Instruments TPS23754PWPR Datasheet HTML 29Page - Texas Instruments TPS23754PWPR Datasheet HTML 30Page - Texas Instruments TPS23754PWPR Datasheet HTML 31Page - Texas Instruments TPS23754PWPR Datasheet HTML 32Page - Texas Instruments TPS23754PWPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
D
VC1
ARTN
R
VC
V
C
T1
BiasWinding
DT
DT
t
(ns)
100
R
(k ) =
=
= 50
2
2
W
29
TPS23754, TPS23754-1, TPS23756
www.ti.com
SLVS885I – OCTOBER 2008 – REVISED DECEMBER 2017
Product Folder Links: TPS23754 TPS23754-1 TPS23756
Submit Documentation Feedback
Copyright © 2008–2017, Texas Instruments Incorporated
Typical Application (continued)
8.2.2.6 Dead Time Resistor, RDT
The required dead-time period depends on the specific topology and parasitics. The easiest technique to obtain
the optimum timing resistor is to build the supply and tune the dead time to achieve the best efficiency after
considering all corners of operation (load, input voltage, and temperature). A good initial value is 100 ns.
Program the dead time with a resistor connected from DT to ARTN per Equation 3.
1. Choose RDT as follows assuming a tDT of 100 ns:
a.
b. Choose RDT = 49.9 kΩ
8.2.2.7 Switching Transformer Considerations and RVC
Care in design of the transformer and VC bias circuit is required to obtain hiccup overload protection. Leading-
edge voltage overshoot on the bias winding may cause VC to peak-charge, preventing the expected tracking with
output voltage. Some method of controlling this is usually required. This may be as simple as a series resistor, or
an R-C filter in front of DVC1. Good transformer bias-to-output-winding coupling results in reduced overshoot and
better voltage tracking.
RVC as shown in Figure 29 helps to reduce peak charging from the bias winding. This becomes especially
important when tuning hiccup mode operation during output overload. Typical values for RVC will be from 10 Ω to
100
Ω.
Figure 29. RVC Usage
8.2.2.8 Special Switching MOSFET Considerations
Special care must be used in selecting the converter switching MOSFET. The TPS23756 minimum switching
MOSFET VGATE is about 5.5 V, which is due to the VC lower threshold. This will occur during an output overload,
or toward the end of a (failed) bootstrap start-up. The MOSFET must be able to carry the anticipated peak fault
current at this gate voltage.
8.2.2.9 Thermal Considerations and OTSD
Sources of nearby local PCB heating should be considered during the thermal design. Typical calculations
assume that the TPS23754 device is the only heat source contributing to the PCB temperature rise. It is possible
for a normally operating TPS23754 device to experience an OTSD event if it is excessively heated by a nearby
device.
8.2.2.10 APD Pin Divider Network, RAPD1, RAPD2
The APD pin can be used to disable the TPS23754 device internal hotswap MOSFET giving the adapter source
priority over the PoE source. An example calculation is provided, see SLVA306.
8.2.2.11 PPD Pin Divider Network, RPPD1, RPPD2
The PPD pin can be used to override the internal hotswap MOSFET UVLO (VUVLO_R and VUVLO_H) when using
low voltage adapters connected between VDD and VSS. The PPD pin has an internal 5-μA pulldown current
source. As an example, consider the choice of RPPD1 and RPPD2, for a 24-V adapter.
1. Select the start-up voltage, VADPTR-ON approximately 75% of nominal for a 24-V adapter. Assuming that the
adapter output is 24 V ± 10%, this provides 15% margin below the minimum adapter operating voltage.
2. Choose VADPTR-ON = 24 V × 0.75 = 18 V.
3. Choose RPPD2 = 3.01 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com