Electronic Components Datasheet Search
  English  ▼

X  

TPS23754PWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS23754PWPR
Description  TPS2375x IEEE 802.3at, High Efficiency, PoE Interface and DC-DC Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS23754PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS23754PWPR Datasheet HTML 3Page - Texas Instruments TPS23754PWPR Datasheet HTML 4Page - Texas Instruments TPS23754PWPR Datasheet HTML 5Page - Texas Instruments TPS23754PWPR Datasheet HTML 6Page - Texas Instruments TPS23754PWPR Datasheet HTML 7Page - Texas Instruments TPS23754PWPR Datasheet HTML 8Page - Texas Instruments TPS23754PWPR Datasheet HTML 9Page - Texas Instruments TPS23754PWPR Datasheet HTML 10Page - Texas Instruments TPS23754PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
7
TPS23754, TPS23754-1, TPS23756
www.ti.com
SLVS885I – OCTOBER 2008 – REVISED DECEMBER 2017
Product Folder Links: TPS23754 TPS23754-1 TPS23756
Submit Documentation Feedback
Copyright © 2008–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise noted: CS = COM = APD = CTL = RTN = ARTN, GATE and GAT2 float, RFRS= 68.1 kΩ, RBLNK= 249 kΩ, DT
= VB, PPD = VSS, T2P open, CVB = CVC = 0.1 μF, RDEN = 24.9 kΩ, RCLS open, 0 V ≤ (VDD, VDD1) ≤ 57 V, 0 V ≤ VC ≤ 18 V,
–40°C
≤ TJ ≤ 125°C. Typical specifications are at 25°C.
CONTROLLER SECTION ONLY
[VSS = RTN and VDD = VDD1] or [VSS = RTN = VDD], all voltages referred to [ARTN, COM]
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
These parameters are provided for reference only, and do not constitute part of TI's published specifications for purposes of TI's product
warranty.
APD / PPD
VAPDEN
APD threshold voltage
VAPD rising
1.43
1.5
1.57
V
VAPDH
Hysteresis (1)
0.29
0.31
0.33
VPPDEN
PPD threshold voltage
VPPD- VVSS rising, UVLO disable
1.45
1.55
1.65
V
VPPDH
Hysteresis (1)
0.29
0.31
0.33
VPPD2
VPPD- VVSS rising, Class enable
7.4
8.3
9.2
V
VPPD2H
Hysteresis (1)
0.5
0.6
0.7
APD leakage current
(source or sink)
VC = 12 V, VAPD = VB
1
μA
IPPD
PPD sink current
VPPD-VSS = 1.5 V
2.5
5
7.5
μA
THERMAL SHUTDOWN
turnon temperature
TJ rising
135
145
155
°C
Hysteresis(2)
20
°C
(1)
The hysteresis tolerance tracks the rising threshold for a given device.
6.6 Electrical Characteristics: PoE and Control
[VDD = VDD1] or [VDD1 = RTN], VC = RTN, COM = RTN = ARTN, all voltages referred to VSS unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
DETECTION (DEN)
(VDD = VDD1 = RTN = VSUPPLY positive)
Detection current
Measure ISUPPLY
VDD = 1.6 V
62
64.3
66.5
μA
VDD = 10 V
399
406
414
Detection bias current
VDD = 10 V, float DEN, measure ISUPPLY,
Note: Not during Mark state
5.6
10
μA
VPD_DIS
Hotswap disable threshold
3
4
5
V
DEN leakage current
VDEN = VDD = 57 V, float VDD1 and RTN, measure IDEN
0.1
5
μA
CLASSIFICATION (CLS)
(VDD = VDD1 = RTN = VSUPPLY positive)
ICLS
Classification current,
applies to both cycles
13 V
≤ VDD ≤ 21 V, Measure ISUPPLY
mA
RCLS = 1270 Ω
1.8
2.1
2.4
RCLS = 243 Ω
9.9
10.4
10.9
RCLS = 137 Ω
17.6
18.5
19.4
RCLS = 90.9 Ω
26.5
27.7
29.3
RCLS = 63.4 Ω
38
39.7
42
Classification mark resistance
5.6 V
≤ VDD ≤ 9.4 V
7.5
9.7
12
k
Ω
VCL_ON
Classification regulator lower
threshold
Regulator turns on, VDD rising
11.2
11.9
12.6
V
VCL_H
Hysteresis(1)
1.55
1.65
1.75
VCU_OFF
Classification regulator upper
threshold
Regulator turns off, VDD rising
21
22
23
V
VCU_H
Hysteresis(1)
0.5
0.75
1
VMSR
Mark state reset
VDD falling
3
4
5
V
Leakage current
VDD = 57 V, VCLS = 0 V, DEN = VSS, measure ICLS
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com