Electronic Components Datasheet Search
  English  ▼

X  

TPS23754PWPR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS23754PWPR
Description  TPS2375x IEEE 802.3at, High Efficiency, PoE Interface and DC-DC Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS23754PWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS23754PWPR Datasheet HTML 18Page - Texas Instruments TPS23754PWPR Datasheet HTML 19Page - Texas Instruments TPS23754PWPR Datasheet HTML 20Page - Texas Instruments TPS23754PWPR Datasheet HTML 21Page - Texas Instruments TPS23754PWPR Datasheet HTML 22Page - Texas Instruments TPS23754PWPR Datasheet HTML 23Page - Texas Instruments TPS23754PWPR Datasheet HTML 24Page - Texas Instruments TPS23754PWPR Datasheet HTML 25Page - Texas Instruments TPS23754PWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
1
3
4
6
8
9
10
t-Time-10ms/div
IPI
V DD-RTN
V C-RTN
Inrush
VOUT
PIPowered
Switchingstarts
T2P @output
9
0
1
2
3
4
5
6
7
8
5V/div
200mA/div
10V/div
2V/div
50V/div
22
TPS23754, TPS23754-1, TPS23756
SLVS885I – OCTOBER 2008 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: TPS23754 TPS23754-1 TPS23756
Submit Documentation Feedback
Copyright © 2008–2017, Texas Instruments Incorporated
internal converter circuits as VVC rises. There is a slight delay between the removal of charge current and the
start of switching as the soft-start ramp sweeps above the VZDC threshold. VVC falls as it powers both the internal
circuits and the switching MOSFET gates. If the converter control bias output rises to support VVC before it falls
to VCUV – VCUVH (about 8.5 V or about 5.5 V), a successful start-up occurs. T2P in Figure 22 (Figure 27, VT2P-OUT)
becomes active within tT2P from the start of switching, indicating that a type 2 PSE or an adapter is plugged in.
Figure 24. Power Up and Start
If VVDD- VVSS drops below the lower PoE UVLO (VUVLO-R - VUVLO-H, about 30.5 V), the hotswap MOSFET is turned
off, but the converter will still run. The converter will stop if VVC falls below the converter UVLO (VCUV – VCUVH,
about 8.5 V or about 5.5 V), the hotswap is in inrush current limit, 0% duty cycle is demanded by VCTL (VCTL <
VZDC, about 1.5 V), or the converter is in thermal shutdown.
7.4.1.8 PD Hotswap Operation
IEEE 802.3at has taken a new approach to PSE output limiting. A type 2 PSE must meet an output current
versus time template with specified minimum and maximum sourcing boundaries. The peak output current may
be as high as 50 A for 10 μs or 1.75 A for 75 ms. This makes robust protection of the PD device even more
important than it was in IEEE 802.3-2008.
The internal hotswap MOSFET is protected against output faults and input voltage steps with a current limit and
deglitched (time-delay filtered) foldback. An overload on the pass MOSFET engages the current limit, with VRTN-
VVSS rising as a result. If VRTN rises above about 12 V for longer than about 400 μs, the current limit reverts to
the inrush value, and turns the converter off. The 400 μs deglitch feature prevents momentary transients from
causing a PD reset, provided that recovery lies within the bounds of the hotswap and PSE protection. Figure 25
shows an example of recovery from a 16 V PSE rising voltage step. The hotswap MOSFET goes into current
limit, overshooting to a relatively low current, recovers to about 950-mA full current limit, and charges the input
capacitor while the converter continues to run. The MOSFET did not go into foldback because VRTN-VVSS was
less than 12 V after the 400 μs deglitch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com