Electronic Components Datasheet Search
  English  ▼

X  

SC2569 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SC2569
Description  High Performance Current Mode PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC2569 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SC2569 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SC2569
Safety-Chip
© Safety-Chip Micro
4
www.safety-chip.com
SC2569_Datasheet_V1.0_EN
Pin Descriptions
Name
Pin
I/O
Description
GND
1
P
Ground
FB
2
I
Feedback input pin. PWM duty cycle is determined by voltage level into this
pin and current-sense signal level at Pin 6.
VIN
3
I
Connected through a large value resistor to rectified line input for Startup IC
supply and line voltage sensing.
RI
4
I
Internal Oscillator frequency setting pin. A resistor connected between RI
and GND sets the PWM frequency.
RT
5
I
Temperature sensing input pin. Connected through a NTC resistor to GND.
SENSE
6
I
Current sense input. Connected to MOSFET current sensing resistor node.
VDD
7
P
DC Power Supply pin.
GATE
8
O
Totem-pole gate drive output for power MOSFET.
Absolute Maximum Ratings
Symbol
Parameter
Min.
Max.
Unit
VDD/VIN
DC Supply Voltage
28
V
VDD_Clamp
VDD Clamp Voltage
30
V
IDD_Clamp
VDD Clamp Continuous Current
10
mA
VFB
FB Input Voltage
-0.3V
6.5
V
VSENSE
SENSE Input Voltage
-0.3V
6.5
V
VRT
RT Input Voltage
-0.3V
6.5
V
VRI
RI Input Voltage
-0.3V
6.5
V
RJA
SOP-8 Thermal Resistance (Junction-to-Air)
120
℃/W
TJ
Operating Junction Temperature
-20
125
℃
TSTG
Storage Temperature Range
-55
150
℃
TL
Lead Temperature (Wave Soldering or IR,10Seconds)
260
℃
ESD
Human Body Model,JEDEC:JESD22-A114
2.5
KV
Machine Model, JEDEC:JESD22- A115
250
V
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are
stress ratings only, functional operation of the device at these or any other conditions beyond those indicated under
“recommended operating conditions” is not implied. Exposure to absolute maximum-rated conditions for extended period
may affect device’s reliability.
Recommended Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
VDD
DC Supply Voltage
12
23
V
TA
Operating Ambient Temperature
-20
85
℃
RI
RI Resistor Value
24
31
K
Ω
Maximum practical continuous power in an open frame design with sufficient drain pattern as a heat sink, at 45℃ ambient.
Higher output power is possible with extra added heat sink or air circulation to reduce thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com