Electronic Components Datasheet Search
  English  ▼

X  

SC2569 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SC2569
Description  High Performance Current Mode PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC2569 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SC2569 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SC2569
Safety-Chip
© Safety-Chip Micro
6
www.safety-chip.com
SC2569_Datasheet_V1.0_EN
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Temperature Deviation
FDV
Frequency Variation vs. VDD
Deviation
1
%
RI_range
Operating RI Range
12
24
60
KΩ
VRI_open
RI open voltage
2.0
V
FBurst
Burst Mode Switch Frequency
22
KHz
Gate Driver Output
VOL
Output Low Level
IO= -20mA
0.3
V
VOH
Output High Level
IO= +20mA
11
V
VGATE_CLAMP
Output Clamp Voltage Level
VDD=20V
18
V
T_r
Output Rising Time
CL=1nf
120
nSec
T_f
Output Falling Time
CL=1nf
50
nSec
Over Temperature Protection
IRT
Output Current of RT Pin
70
uA
VTH_OTP
OTP Threshold Voltage
1.00
1.05
1.10
V
VTH_OTP_OFF
OTP Recovery Threshold
Voltage
1.15
V
TD_OTP
OTP Debounce Time
100
uSec
VRT_OPEN
RT Pin Open Voltage
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com