Electronic Components Datasheet Search
  English  ▼

X  

SC2569 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SC2569
Description  High Performance Current Mode PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC2569 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SC2569 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SC2569
Safety-Chip
© Safety-Chip Micro
5
www.safety-chip.com
SC2569_Datasheet_V1.0_EN
Electrical Characteristics(TA = 25℃, VDD=16V, RI=24KΩ unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage (VDD)
IDD_ST
Startup Current
VDD=15V
6.5
20
uA
IDD_OP
Operation Current
VFB=3V
2.0
mA
VDD_ON
Threshold Voltage to Startup
VDD Rising
14.5
15.5
16.5
V
VDD_OFF
Threshold
Voltage
to
Stop
Switching in Normal Mode
VDD Falling
8.5
9.5
10.5
V
VDD_OVP_ON
VDD Over voltage protection
Enter
23.5
25.0
26.5
V
VDD_OVP_OFF
VDD Over voltage protection
Exit (Recovery)
21.5
23.0
24.5
V
VDD_OVP_Hys
OVP Hysteresis
2.0
V
TD_VDD_OVP
VDD OVP Debounce time
80
uSec
VDD_Clamp
VDD Zener Clamp voltage
IVDD=5mA
30.0
V
Feedback Input Section(FB Pin)
VFB_Open
FB Open Loop Voltage
5.1
V
AV
PWM input gain
ΔVFB/ ΔVCS
2.8
V/V
DMAX
Max duty cycle
VFB=3V,VCS=0.3V
75
80
85
%
VRef_Green
The threshold enter green mode
2.3
V
VRef_Burst_H
The threshold exit Burst mode
1.5
V
VRef_Burst _L
The threshold enter Burst mode
1.4
V
IFB_Short
FB pin short circuit current
Short
FB
pin
to
GND
0.8
mA
VTH_PL
Power Limiting FB Threshold
Voltage
4.4
V
TD_PL
Power limiting Debounce Time
75
mS
ZFB_IN
Input Impedance
6.9
KΩ
Current Sense Input(SENSE Pin)
TSS
Soft start time
4
ms
TLEB
Leading edge blanking time
250
ns
TD_OC
Over
Current
Detection
and
Control Delay
120
ns
VTH_OC_0
Current
Limiting
Threshold
Voltage at No Compensation
IVIN=0uA
0.85
0.9
0.95
V
VTH_OC_1
Current
Limiting
Threshold
Voltage at Compensation
IVIN=150uA
0.81
V
Oscillator
FOSC
Normal Oscillation Frequency
VFB=3V, VCS=0V
60
65
70
KHz
FJR
Frequency jitter range
+/-5
%
FJitter
jitter frequency
65
Hz
FDT
Frequency
Variation
vs.
5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com