Electronic Components Datasheet Search
  English  ▼

X  

SC2569 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SC2569
Description  High Performance Current Mode PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC2569 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SC2569 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 10Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 11Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 12Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SC2569
Safety-Chip
© Safety-Chip Micro
9
www.safety-chip.com
SC2569_Datasheet_V1.0_EN
Functional Description
The
SC2569
is
a
highly
integrated
PWM
controller
IC
optimized
for
off-line
flyback
converter applications. The extended Burst Mode
control
greatly
reduces
the
standby
power
consumption and helps the design easily to meet
the
international
power
conservation
requirements.
Startup Current and Start up Control
Startup current of SC2569 is designed to be very
low so that VDD could be charged up above
VDD_ON and device starts up quickly. A large value
startup resistor can therefore be used to minimize
the power loss yet achieve a reliable startup in
application. For a typical AC/DC adaptor with
universal input range design, a 2M
Ω, 1/8W
startup resistor could be used together with a
VDD capacitor to provide a fast startup and yet
low power dissipation design solution.
Operating Current
The Operating current of SC2569 is low at 2.0mA
(typical).
Good
efficiency
is
achieved
with
SC2569 low operation current together with the
extended Burst Mode control features.
Soft Start
SC2569 features an internal 4ms (typical) soft
start to soften the electrical stress occurring in the
power supply during startup. It is activated during
the power on sequence. As soon as VDD reaches
VDD_ON, the SENSE peak voltage is gradually
increased from 0.1V to the maximum level. Every
restart up is followed by a soft start.
Frequency jitter for EMI improvement
The frequency jitter is implemented in SC2569.
The oscillation frequency is modulated so that the
tone energy is spread out. The spread spectrum
minimizes the conduction band EMI and therefore
eases the system design.
Oscillator Operation
The switching frequency of SC2569 is externally
programmable. A resistor connected between RI
and GND sets the constant current source to
charge/discharge the internal cap and thus the
PWM oscillator frequency is determined. The
relationship between RI and switching frequency
follows the below equation within the specified RI
in K
Ω range at nominal loading operational
condition.
(Khz)
KΩ
(
RI
1560
=
F
OSC
)
Multi-mode Operation for High Efficiency
SC2569 is a multi-mode controller. The controller
changes the mode of operation according to the
FB pin voltage. At the normal operating condition,
the IC operates in (65KHz, if RI=24K
Ω)PWM
mode. As the output load current is decreased,
the IC enter into green mode smoothly from the
PWM
mode.
In
this
mode,
the
switching
frequency will start to linearly decrease from
65KHz to 22KHz. So the switching loss is
minimized and the high conversion efficiency can
be achieved. At light load or no load condition,
most of the power dissipation in a switching mode
power supply is from switching loss of the
MOSFET, the core loss of the transformer and the
loss of the snubber circuit. The magnitude of
power loss is in proportion to the switching
frequency. Lower switching frequency leads to
the reduction on the power loss and thus
conserves the energy. The switching frequency is
internally adjusted at no load or light load
condition. The switch frequency reduces at
light/no load condition to improve the conversion
efficiency.
At light load or no load condition, the FB input
drops below VRef_Burst_L and device enters Burst
Mode control. The Gate drive output switches
when FB input rises back to VRef_Burst_H. Otherwise
the gate drive remains at off state to minimize the
switching loss and reduces the standby power
consumption to the greatest extend.
Current Sensing and Leading Edge Blanking
Cycle-by-Cycle current limiting is offered in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com