Electronic Components Datasheet Search
  English  ▼

X  

SC2569 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC2569
Description  High Performance Current Mode PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC2569 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC2569 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SC2569
High Performance Current Mode PWM Controller
© Safety-Chip Micro
1
www.safety-chip.com
SC2569_Datasheet_V1.0_EN
Description
SC2569 combines a highly integrated current
mode
PWM
control
IC
optimized
for
high
performance,
low
standby
power
and
cost
effective off line flyback converter applications.
PWM switching frequency at normal operation is
externally programmable and trimmed to tight
range. At no load or light load condition, the IC
operates is extended
‘burst mode’ to minimize
switching loss. Lower standby power and higher
conversion efficiency is thus achieved.
VDD low startup current and low operating
current contribute to a reliable power on startup
and low standby design with SC2569. A large
value resistor could thus be used in the startup
circuit to minimize the standby power.
The
internal
slope
compensation
improves
system large signal stability and reduces the
possible sub-harmonic oscillation at high PWM
duty cycle output. Leading-edge blanking on
current sense input removes the signal glitch due
to snubber circuit diode reverse recovery. This
greatly helps to reduce the external component
count and system cost in application.
SC2569 offers complete protection coverage with
automatic
self
recovery
feature
including
Cycle-by-Cycle current limiting(OCP), over load
protection(OLP), VDD under voltage lockout
(UVLO), over temperature protection (OTP), and
over voltage protection (OVP). The Gate-drive
output is clamped at 18V to protect the power
MOSFET.
In SC2569, OCP threshold slope is internally
optimized to reach constant output power limit
over universal AC input range.
Excellent EMI performance is achieved with
internal
frequency
jitter
technique
and
soft
switching control at the totem pole gate drive
output.
The tone energy at below 22KHz is minimized in
the design and audio noise is eliminated.
SC2569 is offered in both SOP-8 and DIP-8
packages.
Features
◆ Extended Burst Mode Control For Improved
Efficiency and Minimum Standby Power
Design
◆ Power-on Soft Start Reducing MOS Stress
◆ Audio Noise Free Operation
◆ External Programmable PWM Switching
Frequency
◆ Low VDD startup and operating current
◆ Frequency jitter to Minimize EMI
◆ Leading edge blanking on current sense
◆ Internal Synchronized Slope Compensation
◆ Low VIN/VDD Startup Current(6.5uA) and
Low Operating Current(2.0mA)
◆ Complete Protection Coverage With Auto
Self-Recovery
⚫
VDD Under Voltage Lockout with
Hysteresis (UVLO)
⚫
Cycle-by-Cycle over current Protection
⚫
Over load Protection (OLP)
⚫
Over Temperature Protection (OTP)
⚫
VDD Over Voltage Protection (OVP)
Applications
Offline AC/DC flyback converter for
◆ AC/DC Adapter
◆ Set-Top Box Power Supplies
◆ Auxiliary Power Supply
◆ Open-frame SMPS
◆ Battery Charger


Similar Part No. - SC2569

ManufacturerPart #DatasheetDescription
logo
Pro-Power
SC25 PROPOWER-SC25 Datasheet
114Kb / 2P
Conduit Accessories
01/02/08 V1.0
logo
GardTec, Inc.
SC25-W1 GARDTEC-SC25-W1 Datasheet
335Kb / 1P
C1008 Steel
SC25-W1B GARDTEC-SC25-W1B Datasheet
330Kb / 1P
C1008 Steel
logo
Motorola, Inc
SC250 MOTOROLA-SC250 Datasheet
94Kb / 2P
TRIACS BIDIRECTIPNAL TRIODE THYRISTORS
logo
Semtech Corporation
SC250 SEMTECH-SC250 Datasheet
844Kb / 18P
Step-Down DC-DC Converter with Bias LDO for RF Power Amplifi ers
More results

Similar Description - SC2569

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May-2004
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Sep-2001
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
High Performance Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com