Electronic Components Datasheet Search
  English  ▼

X  

SC2569 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SC2569
Description  High Performance Current Mode PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC2569 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SC2569 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 10Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 11Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 12Page - List of Unclassifed Manufacturers SC2569 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SC2569
Safety-Chip
© Safety-Chip Micro
10
www.safety-chip.com
SC2569_Datasheet_V1.0_EN
SC2569 current mode PWM control. The switch
current is detected by a sense resistor into the
SENSE pin. An internal leading edge blanking
circuit chops off the sensed voltage spike at initial
internal power MOSFET on state due to snubber
diode reverse recovery and surge gate current of
power MOSFET. The current limiting comparator
is disabled and cannot turn off the internal power
MOSFET during the blanking period. The PWM
duty cycle is determined by the current sense
input voltage and the FB input voltage.
Internal Synchronized Slope Compensation
Built-in slope compensation circuit adds voltage
ramp onto the current sense input voltage for
PWM generation. This greatly improves the close
loop
stability
at
CCM
and
prevents
the
sub-harmonic oscillation and thus reduces the
output ripple voltage.
Over Temperature Protection
A NTC resistor in series with a regular resistor
should connect between RT and GND for
temperature sensing and protection. NTC resistor
value
becomes
lower
when
the
ambient
temperatures rise. With the fixed internal current
IRT flowing through the resistors, the voltage at RT
pin becomes lower at high temperature. The
internal OTP circuit is triggered and shutdown the
MOSFET when the sensed input voltage is lower
than VTH_OTP.
Gate Drive
SC2269 GATE is connected to the gate of an
external MOSFET for power switch control. Too
weak the gate drive strength results in higher
conduction and switch loss of MOSFET while too
strong gate drive output compromises the EMI.
A good trade-off is achieved through the built-in
totem pole gate design with right output strength
and dead time control. The low idle loss and good
EMI system design is easier to achieve with this
dedicated control scheme. An internal 18V clamp
is added for MOSFET gate protection at higher
than expected VDD input.
Protection Controls
Good power supply system reliability is achieved
with auto-recovery protection features including
Cycle-by-Cycle current limiting (OCP), Under
Voltage
Lockout
on
VDD
(UVLO),
Over
Temperature
Protection
(OTP),
VDD
Over
Voltage Protection (OVP).
The OCP threshold value is self adjusted lower at
higher current into VIN pin. This OCP threshold
slope adjustment helps to compensate the
increased output power limit at higher AC voltage
caused by inherent Over-Current sensing and
control delay. A constant output power limit is
achieved with recommended OCP compensation
scheme on SC2569.
At output overload condition when FB input
voltage exceeds power limit threshold value for
more than TD_PL, control circuit reacts to shut
down the power MOSFET. It restarts when VDD
voltage drops below UVLO limit.
Similarly, when an Over Temperature condition is
detected, control circuit shutdowns the power
MOSFET. SC2569 resumes the operation when
temperature drops below the hysteresis value.
VDD
is
supplied
with
transformer
auxiliary
winding output. It is clamped when VDD is higher
than 35V. MOSFET is shut down when VDD
drops below VDD_ON limit and device enters
power on startup sequence thereafter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com