Electronic Components Datasheet Search
  English  ▼

X  

TPS62080 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS62080
Description  TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control™ and Snooze Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62080 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS62080 Datasheet HTML 12Page - Texas Instruments TPS62080 Datasheet HTML 13Page - Texas Instruments TPS62080 Datasheet HTML 14Page - Texas Instruments TPS62080 Datasheet HTML 15Page - Texas Instruments TPS62080 Datasheet HTML 16Page - Texas Instruments TPS62080 Datasheet HTML 17Page - Texas Instruments TPS62080 Datasheet HTML 18Page - Texas Instruments TPS62080 Datasheet HTML 19Page - Texas Instruments TPS62080 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
2.46
2.48
2.50
2.52
2.54
10u
100u
1m
10m
100m
1
3
Output Current (A)
TA = 25°C
TA = −40°C
TA = 85°C
TPS62080
VIN = 3.6 V
G011
1.76
1.78
1.80
1.82
1.84
10u
100u
1m
10m
100m
1
3
Output Current (A)
TA = 25°C
TA = −40°C
TA = 85°C
TPS62081
VIN = 3.6 V
G012
3.18
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage (V)
IOUT = 1A, TA = 25°C
IOUT = 1A, TA = −40°C
IOUT = 1A, TA = 85°C
IOUT = 10mA, TA = 25°C
IOUT = 10mA, TA = −40°C
IOUT = 10mA, TA = 85°C
TPS62082
VOUT = 3.3 V
G009
0.890
0.892
0.894
0.896
0.898
0.900
0.902
0.904
0.906
0.908
0.910
10u
100u
1m
10m
100m
1
3
Output Current (A)
TA = 25°C
TA = −40°C
TA = 85°C
TPS62080
VIN = 3.6 V
G010
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
IOUT = 1A, TA = 25°C
IOUT = 1A, TA = −40°C
IOUT = 1A, TA = 85°C
IOUT = 10mA, TA = 25°C
IOUT = 10mA, TA = −40°C
IOUT = 10mA, TA = 85°C
TPS62080
VOUT = 2.5 V
G007
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
2.3
2.8
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage (V)
IOUT = 1A, TA = 25°C
IOUT = 1A, TA = −40°C
IOUT = 1A, TA = 85°C
IOUT = 10mA, TA = 25°C
IOUT = 10mA, TA = −40°C
IOUT = 10mA, TA = 85°C
TPS62081
VOUT = 1.8 V
G008
16
TPS62080, TPS62080A, TPS62081, TPS62082
SLVSAE8F – SEPTEMBER 2011 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: TPS62080 TPS62080A TPS62081 TPS62082
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Figure 14. Output Voltage vs Input Voltage
Figure 15. Output Voltage vs Input Voltage
Figure 16. Output Voltage vs Input Voltage
Figure 17. Output Voltage vs Load Current
Figure 18. Output Voltage vs Load Current
Figure 19. Output Voltage vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com