Electronic Components Datasheet Search
  English  ▼

X  

TPS62080 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS62080
Description  TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control™ and Snooze Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62080 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62080 Datasheet HTML 1Page - Texas Instruments TPS62080 Datasheet HTML 2Page - Texas Instruments TPS62080 Datasheet HTML 3Page - Texas Instruments TPS62080 Datasheet HTML 4Page - Texas Instruments TPS62080 Datasheet HTML 5Page - Texas Instruments TPS62080 Datasheet HTML 6Page - Texas Instruments TPS62080 Datasheet HTML 7Page - Texas Instruments TPS62080 Datasheet HTML 8Page - Texas Instruments TPS62080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
TPS62081
1 µH
10 µF
2.3 V .. 6 V
V
IN
22 µF
180 k
V
OUT
POWER GOOD
1.8 V
SW
VOS
VIN
EN
GND
MODE
PG
FB
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS62080, TPS62080A, TPS62081, TPS62082
SLVSAE8F – SEPTEMBER 2011 – REVISED NOVEMBER 2016
TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control™
and Snooze Mode
1
1 Features
1
•
DCS-Control™ Architecture for Fast Transient
Regulation
•
Snooze Mode for 6.5-µA Ultra Low Quiescent
Current
•
2.3-V to 6-V Input Voltage Range
•
100% Duty Cycle for Lowest Dropout
•
Power Save Mode for Light-Load Efficiency
•
Output Discharge Function
•
Short-Circuit Protection
•
Power-Good Output
•
Thermal Shutdown
•
Available in 2-mm × 2-mm 8-Pin WSON Package
2 Applications
•
Battery-Powered Portable Devices
•
Point of Load Regulators
•
System Power Rail Voltage Conversion
3 Description
The TPS6208x devices are a family of high frequency
synchronous step down converters. With an input
voltage range of 2.3 V to 6 V, common battery
technologies are supported. Alternatively, the device
can be used for low voltage system power rails.
The TPS6208x focuses on high efficiency step-down
conversion over a wide output current range. At
medium to heavy loads, the converter operates in
PWM mode and automatically enters Power Save
Mode operation at light load currents to maintain high
efficiency over the entire load current range. To
maintain high efficiency at very low load or no load
currents, a Snooze Mode with an ultra-low quiescent
current is implemented. This function, enabled by the
MODE pin, increases the run-time of battery driven
applications and keeps the standby current at its
lowest level to meet green energy standards targeting
a low stand-by current.
To address the requirements of system power rails,
the
internal
loop
compensation
allows
a
large
selection of external output capacitor values in
excess
of
100
µF.
With
its
DCS-Control™
architecture, excellent load transient performance and
output voltage regulation accuracy is achieved. The
device is available in 2-mm × 2-mm WSON package
with Thermal PAD.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS62080
WSON (8)
2.00 mm × 2.00 mm
TPS62080A
TPS62081
TPS62082
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic
space


Similar Part No. - TPS62080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62080 TI1-TPS62080 Datasheet
877Kb / 26P
1.2A High Efficient Step Down Converter in 2x2mm SON Package
TPS62080 TI-TPS62080 Datasheet
991Kb / 27P
1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080 TI-TPS62080 Datasheet
991Kb / 27P
1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080 TI1-TPS62080 Datasheet
1Mb / 28P
1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080A TI-TPS62080A Datasheet
991Kb / 27P
1.2A High Efficient Step Down Converter with Snooze Mode
More results

Similar Description - TPS62080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62081DSGR TI-TPS62081DSGR Datasheet
991Kb / 27P
1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080DSGR TI-TPS62080DSGR Datasheet
991Kb / 27P
1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080 TI1-TPS62080_14 Datasheet
1Mb / 28P
1.2A High Efficient Step Down Converter with Snooze Mode
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62080 TI-TPS62080_15 Datasheet
971Kb / 27P
TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control??and Snooze Mode
TPS62095 TI-TPS62095_15 Datasheet
1Mb / 27P
TPS62095 4A, High Efficiency Step Down Converter with DCS-Control??and Low Profile Solution
TLV62095 TI1-TLV62095 Datasheet
1Mb / 26P
4-A High Efficiency Step Down Converter with DCS-Control
TPS62095 TI1-TPS62095_16 Datasheet
1Mb / 27P
TPS62095 4A, High Efficiency Step Down Converter with DCS-Control and Low Profile Solution
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com