Electronic Components Datasheet Search
  English  ▼

X  

TPS62080 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS62080
Description  TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control™ and Snooze Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62080 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62080 Datasheet HTML 1Page - Texas Instruments TPS62080 Datasheet HTML 2Page - Texas Instruments TPS62080 Datasheet HTML 3Page - Texas Instruments TPS62080 Datasheet HTML 4Page - Texas Instruments TPS62080 Datasheet HTML 5Page - Texas Instruments TPS62080 Datasheet HTML 6Page - Texas Instruments TPS62080 Datasheet HTML 7Page - Texas Instruments TPS62080 Datasheet HTML 8Page - Texas Instruments TPS62080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
TPS62080, TPS62080A, TPS62081, TPS62082
SLVSAE8F – SEPTEMBER 2011 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: TPS62080 TPS62080A TPS62081 TPS62082
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 4
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information .................................................. 5
7.5
Electrical Characteristics........................................... 6
7.6
Typical Characteristics .............................................. 7
8
Detailed Description .............................................. 8
8.1
Overview ................................................................... 8
8.2
Functional Block Diagrams ....................................... 8
8.3
Feature Description................................................... 9
8.4
Device Functional Modes........................................ 11
9
Application and Implementation ........................ 12
9.1
Application Information............................................ 12
9.2
Typical Application .................................................. 12
10
Power Supply Recommendations ..................... 19
11
Layout................................................................... 19
11.1
Layout Guidelines ................................................. 19
11.2
Layout Example .................................................... 19
11.3
Thermal Considerations ........................................ 19
12
Device and Documentation Support ................. 20
12.1
Device Support...................................................... 20
12.2
Documentation Support ........................................ 20
12.3
Related Links ........................................................ 20
12.4
Receiving Notification of Documentation Updates 20
12.5
Community Resources.......................................... 20
12.6
Trademarks ........................................................... 20
12.7
Electrostatic Discharge Caution ............................ 20
12.8
Glossary ................................................................ 21
13
Mechanical, Packaging, and Orderable
Information ........................................................... 21
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (April 2015) to Revision F
Page
•
Changed From: TA = –40°C to 85°C To: TJ = –40°C to 125°C in the Electrical Characteristics condition statement ........... 6
•
Added a Test Condition to ISD in the Electrical Characteristics ............................................................................................. 6
•
Changed the RDS(on) High-side TYP value From: 120 mΩ To: 95 mΩ in the Electrical Characteristics ................................. 6
•
Changed the RDS(on) Low-side TYP value From: 90 mΩ To: 70 mΩ in the Electrical Characteristics.................................... 6
•
Changed the graphs to include a 125°C curve in the Typical Characteristics ...................................................................... 7
•
Added 50 Ω value to the Power Good block in Figure 5 ........................................................................................................ 8
•
Added 50 Ω value to the Power Good block in Figure 6 ........................................................................................................ 9
•
Added Table 1 ....................................................................................................................................................................... 9
Changes from Revision D (July 2013) to Revision E
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Revision C (May 2013) to Revision D
Page
•
Deleted TPS62080ADGN from ORDERING INFORMATION table ....................................................................................... 4
•
Deleted TPS62080A column from the Thermal Information table.......................................................................................... 5
Changes from Revision B (March 2012) to Revision C
Page
•
Changed the Thermal Information tables values.................................................................................................................... 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com