Electronic Components Datasheet Search
  English  ▼

X  

TPS62080 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS62080
Description  TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control™ and Snooze Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62080 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62080 Datasheet HTML 2Page - Texas Instruments TPS62080 Datasheet HTML 3Page - Texas Instruments TPS62080 Datasheet HTML 4Page - Texas Instruments TPS62080 Datasheet HTML 5Page - Texas Instruments TPS62080 Datasheet HTML 6Page - Texas Instruments TPS62080 Datasheet HTML 7Page - Texas Instruments TPS62080 Datasheet HTML 8Page - Texas Instruments TPS62080 Datasheet HTML 9Page - Texas Instruments TPS62080 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
TPS62080, TPS62080A, TPS62081, TPS62082
SLVSAE8F – SEPTEMBER 2011 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: TPS62080 TPS62080A TPS62081 TPS62082
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7.5 Electrical Characteristics
Over recommended free-air temperature range, TJ = –40°C to 125°C. Typical values are at TA = 25°C (unless otherwise
noted), VIN= 3.6 V, MODE = LOW.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range
2.3
6
V
IQ
Quiescent current into VIN
IOUT = 0 mA, Device not switching
30
uA
Quiescent current into VIN
(SNOOZE MODE)
IOUT = 0 mA, Device not switching, MODE=HIGH
6.5
uA
ISD
Shutdown current into VIN
EN = LOW
7
µA
TA = -40°C to 85°C
1
VUVLO
Undervoltage lockout
Input voltage falling
1.8
2
V
Undervoltage lockout hysteresis
Rising above VUVLO
120
mV
TJSD
Thermal shutdown
Temperature rising
150
°C
Thermal shutdown hysteresis
Temperature falling below TJSD
20
°C
LOGIC INTERFACE (EN MODE)
VIH
High level input voltage
2.3 V
≤ VIN ≤ 6 V
1
V
VIL
Low level input voltage
2.3 V
≤ VIN ≤ 6 V
0.4
V
ILKG
Input leakage current
0.01
0.5
µA
POWER GOOD
VPG
Power good threshold
VOUT falling referenced to VOUT nominal
–15%
–10%
–5%
Power good hysteresis
5%
VOL
Low level voltage
Isink = 500 µA
0.3
V
IPG,LKG
PG Leakage current
VPG = 5.0 V
0.01
0.1
µA
OUTPUT
VOUT
Output voltage range
TPS62080, TPS62080A
0.5
4.0
V
Output voltage accuracy
TPS62081
IOUT = 0 mA; VIN ≥ 2.3 V
–2.5%
2.5%
Output voltage accuracy
TPS62082
IOUT = 0 mA; VIN ≥ 3.6 V
–2.5%
2.5%
Snooze Mode output voltage
accuracy
MODE = HIGH; VIN ≥ 2.3 V and VIN ≥ VOUT + 1 V
–5%
5%
VFB
Feedback regulation voltage
TPS62080, TPS62080A
VIN ≥ 2.3 V and VIN ≥ VOUT + 1 V
0.438
0.45
0.462
V
IFB
Feedback input bias current
TPS62080, TPS62080A
VFB = 0.45 V
10
100
nA
RDIS
Output discharge resistor
EN = LOW, VOUT = 1.8 V
1
k
Ω
TPS62080A, EN = LOW, VOUT = 1.2 V
25
40
65
Ω
Line Regulation
0
%/V
Load Regulation
TPS62081, TPS62082
–0.25
%/A
RDS(on)
High-side FET ON-resistance
ISW = 500 mA
95
m
Ω
Low-side FET ON-resistance
ISW = 500 mA
70
m
Ω
ILIM
High-side FET switch current
limit
Rising inductor current
1.6
2.8
4
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com