Electronic Components Datasheet Search
  English  ▼

X  

TPS62080 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS62080
Description  TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control™ and Snooze Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62080 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62080 Datasheet HTML 9Page - Texas Instruments TPS62080 Datasheet HTML 10Page - Texas Instruments TPS62080 Datasheet HTML 11Page - Texas Instruments TPS62080 Datasheet HTML 12Page - Texas Instruments TPS62080 Datasheet HTML 13Page - Texas Instruments TPS62080 Datasheet HTML 14Page - Texas Instruments TPS62080 Datasheet HTML 15Page - Texas Instruments TPS62080 Datasheet HTML 16Page - Texas Instruments TPS62080 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
SW
IN
OUT
OUT
L
L
MAX
,
OUT
MAX
,
L
f
L
V
V
1
V
I
2
I
I
I
´
-
´
=
D
D
+
=
÷
ø
ö
ç
è
æ
+
´
=
÷
ø
ö
ç
è
æ
+
´
=
2
R
1
R
1
V
45
.
0
2
R
1
R
1
V
V
FB
OUT
13
TPS62080, TPS62080A, TPS62081, TPS62082
www.ti.com
SLVSAE8F – SEPTEMBER 2011 – REVISED NOVEMBER 2016
Product Folder Links: TPS62080 TPS62080A TPS62081 TPS62082
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
9.2.2.1 Setting the Output Voltage
The TPS608x devices are available as fixed and adjustable output voltage versions. The fixed voltage versions
are internally programmed to a fixed output voltage, whereas the adjustable output voltage version needs to be
programmed via an external voltage divider to set the desired output voltage.
9.2.2.1.1
Adjustable Output Voltage Version
For the adjustable output voltage version, an external resistor divider is used. By selecting R1 and R2, the output
voltage is programmed to the desired value.
When the output voltage is regulated, the typical voltage at the FB pin is VFB for the adjustable devices. The
following equation can be used to calculate R1 and R2.
(2)
For best accuracy, R2 should be kept smaller than 40kΩ to ensure that the current flowing through R2 is at least
100 times larger than IFB. Changing towards a lower value increases the robustness against noise injection.
Changing towards higher values reduces the input current. For lowest input current during Snooze Mode, it is
recommended to use a fixed output voltage version such as TPS62081 and TPS62082.
9.2.2.2 Output Filter Design
The inductor and the output capacitor together provide a low pass filter. To simplify this process, Table 4 outlines
possible inductor and capacitor value combinations for most applications. Checked cells represent combinations
that are proven for stability by simulation and lab test. Further combinations should be checked for each
individual application.
(1)
Capacitance tolerance and bias voltage de-rating is anticipated. The effective capacitance can vary by
+20% and –50%. Inductor tolerance and current de-rating is anticipated. The effective inductance can
vary by +20% and –30%.
(2)
Plus mark indicates recommended filter combinations.
(3)
Filter combination in typical application.
Table 4. Matrix of Output Capacitor and Inductor Combinations
L [µH](1)
COUT [µF]
(1)
10
22
47
100
150
0.47
1
+
+(2)(3)
+
+
2.2
+
+
+
+
4.7
9.2.2.3 Inductor Selection
The main parameters for the inductor selection are the inductor value and then the saturation current of the
inductor. To calculate the maximum inductor current under static load conditions, Equation 3 is given.
where
•
IOUT,MAX = Maximum output current
•
ΔIL = Inductor current ripple
•
fSW = Switching frequency
•
L = Inductor value
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com