Electronic Components Datasheet Search
  English  ▼

X  

TPS62080 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS62080
Description  TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control™ and Snooze Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62080 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62080 Datasheet HTML 5Page - Texas Instruments TPS62080 Datasheet HTML 6Page - Texas Instruments TPS62080 Datasheet HTML 7Page - Texas Instruments TPS62080 Datasheet HTML 8Page - Texas Instruments TPS62080 Datasheet HTML 9Page - Texas Instruments TPS62080 Datasheet HTML 10Page - Texas Instruments TPS62080 Datasheet HTML 11Page - Texas Instruments TPS62080 Datasheet HTML 12Page - Texas Instruments TPS62080 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Thermal
Shutdown
Softstart
Under
Voltage
Lockout
direct control
&
compensation
PG
EN
VOS
REF
Power
Good
MODE
FB
ramp
minimum
on-timer
DCS-CONTROL
TM
Gate
Driver
Control
Logic
Low Side
N-MOS
High Side
N-MOS
VIN
SW
GND
Snooze Mode
comparator
error
amplifier
Active
Output
Discharge
50
Copyright © 2016, Texas Instruments Incorporated
9
TPS62080, TPS62080A, TPS62081, TPS62082
www.ti.com
SLVSAE8F – SEPTEMBER 2011 – REVISED NOVEMBER 2016
Product Folder Links: TPS62080 TPS62080A TPS62081 TPS62082
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Functional Block Diagrams (continued)
Figure 6. Functional Block Diagram (Fixed Output Voltage Version)
8.3 Feature Description
8.3.1 Power Good
The TPS6208x has a power good output which goes low when the output voltage is below its nominal value. The
power good is high impedance once the output is above 95% of the regulated voltage, and is driven to low once
the output voltage falls below typically 90% of the regulated voltage. The PG pin is an open drain output and can
sink up to 0.5 mA. The power good output requires a pull-up resistor. When the device is off due to disable,
UVLO or thermal shutdown, the PG pin is high impedance (see Table 1). The PG signal can be used for
sequencing of multiple rails by connecting to the EN pin of other converters. Leave the PG pin unconnected
when not used.
space
Table 1. Power Good Pin Logic Table
Device Information
PG Logic Status
High Z
Low
Enable (EN=High)
VFB ≥ VPG
√
VFB ≤ VPG
√
Shutdown (EN=Low)
√
UVLO
0.7V < VIN < VUVLO
√
Thermal Shutdown
TJ > TJSD
√
Power Supply Removal
VIN < 0.7V
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com