Electronic Components Datasheet Search
  English  ▼

X  

DLPC6422 Datasheet(PDF) 16 Page - Texas Instruments

Part # DLPC6422
Description  DLPC6422 DLP® Digital Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC6422 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DLPC6422 Datasheet HTML 12Page - Texas Instruments DLPC6422 Datasheet HTML 13Page - Texas Instruments DLPC6422 Datasheet HTML 14Page - Texas Instruments DLPC6422 Datasheet HTML 15Page - Texas Instruments DLPC6422 Datasheet HTML 16Page - Texas Instruments DLPC6422 Datasheet HTML 17Page - Texas Instruments DLPC6422 Datasheet HTML 18Page - Texas Instruments DLPC6422 Datasheet HTML 19Page - Texas Instruments DLPC6422 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
5.4 Electrical Characteristics (continued)
Over recommended operating conditions
PARAMETER
TEST
CONDITIONS
MIN TYP
MAX UNIT
IOL
Low-level output
current
USB(9)
19.1
mA
1.8V LVDS (7) (VOD = 300mV)
VO = 1.0V
6.5
3.3V LVTTL (1)
VO = 0.4V
4.0
3.3V LVTTL (2)
VO = 0.4V
8.0
3.3V LVTTL (3)
VO = 0.4V
12.0
3.3V I2C (8)
3.0
IOZ
High-impedance
leakage current
USB (9)
–10
pF
LVDS (7)
–10
3.3V LVTTL (1,2,3)
–10
3.3V I2C (8)
–10
CI
Input capacitance
USB (9)
11.84
17.07
pF
3.3V LVTTL (1)
3.75
5.52
3.3V LVTTL (2)
3.75
5.52
3.3V LVTTL (4)
3.75
5.52
3.3V I2C (8)
5.26
6.54
ICC11
Supply voltage, 1.1V core power
Normal Mode
1474 mA
ICC11
Supply voltage, 1.15V core power
Normal Mode
2368 mA
ICC18
Supply voltage, 1.8V power (LVDS I/O and internal
DRAM)
Normal Mode
1005 mA
ICC33
Supply voltage, 3.3V I/O power
Normal Mode
33 mA
ICC11_PLLD
Supply voltage, DMD PLL Digital Power ( 1.1V 1.15V)
Normal Mode
4.4
6.2 mA
ICC11_PLLM1
Supply voltage, Master-LS Clock Generator PLL Digital
power ( 1.1V 1.15V)
Normal Mode
4.4
6.2 mA
ICC11_PLLM2
Supply voltage, Master-HS Clock Generator PLL Digital
power ( 1.1V 1.15V)
Normal Mode
4.4
6.2 mA
ICC18_PLLD
Supply voltage, DMD PLL Analog Power (1.8V)
Normal Mode
8.0
10.2 mA
ICC18_PLLM1
Supply voltage, Master-LS Clock Generator PLL Analog
power (1.8V)
Normal Mode
8.0
10.2 mA
ICC18_PLLM2
Supply voltage, Master-HS Clock Generator PLL Analog
power (1.8V)
Normal Mode
8.0
10.2 mA
ICC11_PLLS
Supply voltage, Video-2X PLL Analog Power ( 1.1V
1.15V)
Normal Mode
2.9 mA
Total Power
Normal Mode
3.73
W
Total Power
Normal Mode
4.76
W
ICC11
Supply voltage, 1.1V 1.15V core power
Low Power
Mode
21 mA
ICC18
Supply voltage, 1.8V power (LVDS I/O and internal
DRAM)
Low Power
Mode
0 mA
ICC33
Supply voltage, 3.3V I/O power
Low Power
Mode
18 mA
ICC11_PLLD
Supply voltage, DMD PLL Digital Power ( 1.1V 1.15V)
Low Power
Mode
2.03 mA
ICC11_PLLM1
Supply voltage, Master-LS Clock Generator PLL Digital
power ( 1.1V 1.15V)
Low Power
Mode
2.03 mA
ICC11_PLLM2
Supply voltage, Master-HS Clock Generator PLL Digital
power ( 1.1V 1.15V)
Low Power
Mode
2.03 mA
DLPC6422
DLPS308A – JUNE 2025 – REVISED OCTOBER 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DLPC6422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com