Electronic Components Datasheet Search
  English  ▼

X  

DLPC6422 Datasheet(PDF) 39 Page - Texas Instruments

Part # DLPC6422
Description  DLPC6422 DLP® Digital Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC6422 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DLPC6422 Datasheet HTML 35Page - Texas Instruments DLPC6422 Datasheet HTML 36Page - Texas Instruments DLPC6422 Datasheet HTML 37Page - Texas Instruments DLPC6422 Datasheet HTML 38Page - Texas Instruments DLPC6422 Datasheet HTML 39Page - Texas Instruments DLPC6422 Datasheet HTML 40Page - Texas Instruments DLPC6422 Datasheet HTML 41Page - Texas Instruments DLPC6422 Datasheet HTML 42Page - Texas Instruments DLPC6422 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Table 7-4. DMD I/F, PCB Interconnect Length Matching Requirements (continued)
SIGNAL GROUP LENGTH MATCHING
DMD (LVDS)
SCA_P,SCA_N,
DDA_P(15:0),
DDA_N(15:0)
DCKA_P, DCKA_N
+/-150 (+/–3.81)
mil (mm)
DMD (LVDS)
SCB_P,SCB_N,
DDB_P(15:0),
DDB_N(15:0)
DCKB_P, DCKB_N
+/-150 (+/–3.81)
mil (mm)
Number of layer changes:
• Single-ended signals: Minimize
• Differential signals: Individual differential pairs can be routed on different layers, but the signals of a given pair
typically do not change layers.
Termination requirements:
• DMD Interface—None, the DMD receiver is differentially terminated to 100 ohms internally
Connector (DMD-LVDS I/F bus only)—High Speed Connectors that meet the following requirements must be
used:
● Differential Crosstalk
<5%
● Differential Impedance
75 ohms–125 ohms
Routing requirements for right angle connectors:
When using right angle connectors, P-N pairs have to be routed in same row to minimize delay mismatch and
propagation delay difference for each row has to be accounted for on associated PCB etch lengths.
www.ti.com
DLPC6422
DLPS308A – JUNE 2025 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: DLPC6422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com