Electronic Components Datasheet Search
  English  ▼

X  

DLPC6422 Datasheet(PDF) 26 Page - Texas Instruments

Part # DLPC6422
Description  DLPC6422 DLP® Digital Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC6422 Datasheet(HTML) 26 Page - Texas Instruments

Back Button DLPC6422 Datasheet HTML 22Page - Texas Instruments DLPC6422 Datasheet HTML 23Page - Texas Instruments DLPC6422 Datasheet HTML 24Page - Texas Instruments DLPC6422 Datasheet HTML 25Page - Texas Instruments DLPC6422 Datasheet HTML 26Page - Texas Instruments DLPC6422 Datasheet HTML 27Page - Texas Instruments DLPC6422 Datasheet HTML 28Page - Texas Instruments DLPC6422 Datasheet HTML 29Page - Texas Instruments DLPC6422 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
6 Detailed Description
6.1 Overview
As with prior DLP electronics solutions, image data is 100% digital from the DLPC6422 input port to the image
projected onto the display screen. The image stays in digital form and is never converted into an analog signal.
The DLPC6422 processes the digital input image and converts the data into bit-plane format as needed by the
DMD. The DLPC6422 light controller is optimized for high-resolution, high UV and visible light throughout the
digital imaging system. Applications include 3D printing, laser marking, laser manufacturing, and other digital
imaging and light exposure systems.
6.2 Functional Block Diagram
6.3 Feature Description
6.3.1 System Reset Operation
6.3.1.1 Power-Up Reset Operation
Immediately following a power-up event, the DLPC6422 hardware automatically brings up the primary PLL and
places the controller in normal power mode. Then, the hardware follows the standard system reset procedure
(see Section 6.3.1.2).
6.3.1.2 System Reset Operation
Immediately following any type of system reset (power-up reset, PWRGOOD reset, watchdog timer timeout,
lamp-strike reset), the DLPC6422 device automatically returns to NORMAL power mode in the following state:
• All GPIOs are tristated.
• The primary PLL remains active (it is reset only after a power-up reset sequence), and most of the derived
clocks are active. However, only those resets associated with the ARM9 processor and its peripherals are
released (the ARM9 is responsible for releasing all other resets).
• ARM9-associated clocks default to the full clock rate. (Boot-up is at full speed.)
• All front-end clocks derived are disabled.
DLPC6422
DLPS308A – JUNE 2025 – REVISED OCTOBER 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DLPC6422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com