Electronic Components Datasheet Search
  English  ▼

X  

DLPC6422 Datasheet(PDF) 6 Page - Texas Instruments

Part # DLPC6422
Description  DLPC6422 DLP® Digital Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC6422 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DLPC6422 Datasheet HTML 2Page - Texas Instruments DLPC6422 Datasheet HTML 3Page - Texas Instruments DLPC6422 Datasheet HTML 4Page - Texas Instruments DLPC6422 Datasheet HTML 5Page - Texas Instruments DLPC6422 Datasheet HTML 6Page - Texas Instruments DLPC6422 Datasheet HTML 7Page - Texas Instruments DLPC6422 Datasheet HTML 8Page - Texas Instruments DLPC6422 Datasheet HTML 9Page - Texas Instruments DLPC6422 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Table 4-1. Pin Functions (continued)
PIN(1)
TYPE(2)
DESCRIPTION
NAME
NO.
P2_A_4
AB20
I4
Port 2 A Channel Input Pixel Data (bit weight 4)
P2_A_3
AC21
I4
Port 2 A Channel Input Pixel Data (bit weight 2)
P2_A_2
AD22
I4
Port 2 A Channel Input Pixel Data (bit weight 1)
P2_A_1
AE23
I4
Port 2 A Channel Input Pixel Data (bit weight 0.5)
P2_A_0
AB19
I4
Port 2 A Channel Input Pixel Data (bit weight 0.25)
P2_B_9
Y22
I4
Port 2 B Channel Input Pixel Data (bit weight 128)
P2_B_8
AB26
I4
Port 2 B Channel Input Pixel Data (bit weight 64)
P2_B_7
AA23
I4
Port 2 B Channel Input Pixel Data (bit weight 32)
P2_B_6
AB25
I4
Port 2 B Channel Input Pixel Data (bit weight 16)
P2_B_5
AA22
I4
Port 2 B Channel Input Pixel Data (bit weight 8)
P2_B_4
AB24
I4
Port 2 B Channel Input Pixel Data (bit weight 4)
P2_B_3
AC26
I4
Port 2 B Channel Input Pixel Data (bit weight 2)
P2_B_2
AB23
I4
Port 2 B Channel Input Pixel Data (bit weight 1)
P2_B_1
AC25
I4
Port 2 B Channel Input Pixel Data (bit weight 0.5)
P2_B_0
AC24
I4
Port 2 B Channel Input Pixel Data (bit weight 0.25)
P2_C_9
W23
I4
Port 2 C Channel Input Pixel Data (bit weight 128)
P2_C_8
V22
I4
Port 2 B Channel Input Pixel Data (bit weight 64)
P2_C_7
Y26
I4
Port 2 C Channel Input Pixel Data (bit weight 32)
P2_C_6
Y25
I4
Port 2 B Channel Input Pixel Data (bit weight 16)
P2_C_5
Y24
I4
Port 2 C Channel Input Pixel Data (bit weight 8)
P2_C_4
Y23
I4
Port 2 B Channel Input Pixel Data (bit weight 4)
P2_C_3
W22
I4
Port 2 C Channel Input Pixel Data (bit weight 2)
P2_C_2
AA26
I4
Port 2 B Channel Input Pixel Data (bit weight 1)
P2_C_1
AA25
I4
Port 2 C Channel Input Pixel Data (bit weight 0.5)
P2_C_0
AA24
I4
Port 2 B Channel Input Pixel Data (bit weight 0.25)
P2_VSYNC
U22
B2
Port 2 Vertical Sync. This signal includes an internal pulldown. While intended to be associated with Port 2, it can be
programmed for use with Port1.
P2_HSYNC
W26
B2
Port 2 Horizontal Sync. This signal includes an internal pulldown. While intended to be associated with Port 2, it can be
programmed for use with Port1.
ALF INPUT PORT CONTROL
ALF_VSYNC
AF11
I4
Autolock dedicated vertical sync. This signal includes an internal pulldown and uses hysteresis.
ALF_HSYNC
AD11
I4
Autolock dedicated horizontal sync. This signal includes an internal pulldown and uses hysteresis.
ALF_CSYNC
AE11
I4
Autolock dedicated composite sync (sync on green). This signal includes an internal pulldown and uses hysteresis.
DMD RESET and BIAS CONTROL
DADOEZ
AE7
O5
DAD (DLPA200 / DLPA300)Output Enable (active low)
DADADDR_3
AD6
O5
DAD address
DADADDR_2
AE5
O5
DADADDR_1
AF4
O5
DADADDR_0
AB8
O5
DADMODE_1
AD7
O5
DAD modes
DADMODE_0
AE6
O5
DADSEL_1
AE4
O5
DAD select
DADSEL_0
AC7
O5
DADSTRB
AF5
O5
DAD strobe
DAD_INTZ
AC8
I4
DAD interrupt (active low). This signal typically requires an external pullup and uses hysteresis.
DMD LVDS INTERFACE
DCKA_P
V4
O7
DMD, LVDS I/F channel A, differential clock
DCKA_N
V3
O7
SCA_P
V2
O7
DMD, LVDS I/F channel A, differential serial control
SCA_N
V1
O7
DDA_P_15
P4
O7
DMD, LVDS I/F channel A, differential serial data
DDA_N_15
P3
O7
DMD, LVDS I/F channel A, differential serial data
DDA_P_14
P2
O7
DMD, LVDS I/F channel A, differential serial data
DDA_N_14
P1
O7
DMD, LVDS I/F channel A, differential serial data
DDA_N_12
R1
O7
DMD, LVDS I/F channel A, differential serial data
DLPC6422
DLPS308A – JUNE 2025 – REVISED OCTOBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DLPC6422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com