Electronic Components Datasheet Search
  English  ▼

X  

DLPC6422 Datasheet(PDF) 13 Page - Texas Instruments

Part # DLPC6422
Description  DLPC6422 DLP® Digital Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC6422 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLPC6422 Datasheet HTML 9Page - Texas Instruments DLPC6422 Datasheet HTML 10Page - Texas Instruments DLPC6422 Datasheet HTML 11Page - Texas Instruments DLPC6422 Datasheet HTML 12Page - Texas Instruments DLPC6422 Datasheet HTML 13Page - Texas Instruments DLPC6422 Datasheet HTML 14Page - Texas Instruments DLPC6422 Datasheet HTML 15Page - Texas Instruments DLPC6422 Datasheet HTML 16Page - Texas Instruments DLPC6422 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
ELECTRICAL
Supply Voltage(2)
VDD11 (Core)
–0.30
1.60
V
VDD18 (LVDS I/O and Internal DRAM)
–0.30
2.50
VDD33 (I/O)
–0.30
3.90
VDD_PLLD (1.1VDMD clock
generator - Digital)
–0.30
1.60
VDD_PLLM1 (1.1VMaster - LS clock
generator - Digital)
–0.30
1.60
VDD_PLLM2 (1.1VMaster - HS clock
generator - Digital)
–0.30
1.60
VDD_PLLD (1.8V DMD clock
generator - Analog)
–0.30
2.50
VDD_PLLM1 (1.8V Master - LS clock
generator - Analog)
–0.30
2.50
VDD_PLLM2 (1.8V Master - HS
clock generator - Analog)
–0.30
2.50
VDD_PLLS (1.1V Video 2X - Analog)
–0.50
1.40
VI Input Voltage(3)
USB
–1.0
5.25
V
OSC
–0.3
VDD33 + 0.3
3.3V LVTTL
–0.3
3.6
3.3V I2C
–0.5
3.8
VO Output Voltage
USB
–1.0
5.25
V
OSC
–0.3
2.2
3.3V LVTTL
–0.3
3.6
3.3V I2C
–0.5
3.8
ENVIRONMENTAL
TJoperating junction temperature
0
111
°C
Tstgstorage temperature range
–40
125
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If
outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully functional, and
this may affect device reliability, functionality, performance, and shorten the device's lifetime.
(2)
All voltage values are with respect to GROUND.
(3)
Applies to external input and bidirectional buffers
5.2 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
I/O(1)
MIN
NOM
MAX UNIT
ELECTRICAL
VDD33
3.3V supply voltage, I/O
3.135
3.3
3.465
V
VDD18
1.8V supply voltage, LVDS and DRAM
1.71
1.8
1.89
V
VDD11
1.15V supply voltage, core logic
1.100
1.15
1.200
V
VDD11
1.1V supply voltage, core logic
1.045
1.1
1.155
V
VDD_PLLD
1.8V supply voltage, PLL analog
1.71
1.8
1.89
V
VDD_PLLM1
1.8V supply voltage, PLL analog
1.71
1.8
1.89
V
www.ti.com
DLPC6422
DLPS308A – JUNE 2025 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DLPC6422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com