Electronic Components Datasheet Search
  English  ▼

X  

DLPC6422 Datasheet(PDF) 21 Page - Texas Instruments

Part # DLPC6422
Description  DLPC6422 DLP® Digital Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC6422 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLPC6422 Datasheet HTML 17Page - Texas Instruments DLPC6422 Datasheet HTML 18Page - Texas Instruments DLPC6422 Datasheet HTML 19Page - Texas Instruments DLPC6422 Datasheet HTML 20Page - Texas Instruments DLPC6422 Datasheet HTML 21Page - Texas Instruments DLPC6422 Datasheet HTML 22Page - Texas Instruments DLPC6422 Datasheet HTML 23Page - Texas Instruments DLPC6422 Datasheet HTML 24Page - Texas Instruments DLPC6422 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
SSP Secondary
tsu
Setup time, SSPx_DI valid before SSPx_CLK
12
ns
tsu
Setup time, SSPx_DI valid before SSPx_CLK
12
ns
th
Hold time, SSPx_DI valid after SSPx_CLK
12
ns
th
Hold time, SSPx_DI valid after SSPx_CLK
12
ns
tt
Transition time, SSPx_DI, tt= tf/tr
20% to 80% reference points
(signal)
1.5
ns
www.ti.com
DLPC6422
DLPS308A – JUNE 2025 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DLPC6422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com