Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 20 Page - Texas Instruments

Part # DAC38RF80
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80 Datasheet(HTML) 20 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 16Page - Texas Instruments DAC38RF80 Datasheet HTML 17Page - Texas Instruments DAC38RF80 Datasheet HTML 18Page - Texas Instruments DAC38RF80 Datasheet HTML 19Page - Texas Instruments DAC38RF80 Datasheet HTML 20Page - Texas Instruments DAC38RF80 Datasheet HTML 21Page - Texas Instruments DAC38RF80 Datasheet HTML 22Page - Texas Instruments DAC38RF80 Datasheet HTML 23Page - Texas Instruments DAC38RF80 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 160 page
background image
6.8 PLL/VCO Electrical Characteristics
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, internal PLL/VCO clock mode, 12x
Interpolation, 0 dBFS, fOUT = 1.8 GHz, I(OUTFS) = 40 mA, nominal supplies, LMFSHd = 84111, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PLL/VCO
fref
Reference clock frequency
100
fVCO /4
MHz
fPFD
Frequency of phase & frequency
detector
100
500
MHz
fvcoL
Low VCO operating frequency
5240
6720
MHz
fvcoH
High VCO operating frequency
7960
9000
MHz
fBW
Loop filter bandwidth
500
KHz
Low VCO Phase Noise
Frequency
Offset
600 KHz
fvco = 6 GHz,CP = 5, PFD = 500 MHz,
measured at output frequency = 1.8 GHz
-124
dBc/Hz
1.2 MHz
-131
1.8 MHz
-135
6.0 MHz
-146
High VCO Phase Noise
Frequency
Offset
600 KHz
fvco = 9 GHz, CP = 5, PFD = 500 MHz,
measured at output frequency = 1.8 GHz
-123
dBc/Hz
1.2 MHz
-131
1.8 MHz
-136
6.0 MHz
-148
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com