Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 49 Page - Texas Instruments

Part # DAC38RF80
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80 Datasheet(HTML) 49 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 45Page - Texas Instruments DAC38RF80 Datasheet HTML 46Page - Texas Instruments DAC38RF80 Datasheet HTML 47Page - Texas Instruments DAC38RF80 Datasheet HTML 48Page - Texas Instruments DAC38RF80 Datasheet HTML 49Page - Texas Instruments DAC38RF80 Datasheet HTML 50Page - Texas Instruments DAC38RF80 Datasheet HTML 51Page - Texas Instruments DAC38RF80 Datasheet HTML 52Page - Texas Instruments DAC38RF80 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 160 page
background image
in the figure. If, during characterization, the system designer observes (by reading back the recorded phase
observations) that the rising SYSREF edge nominally occurs in either θ1 or θ2 or both (that is, θ12) then he
would program that particular DAC chip to use phase tolerance window “00”. This mapping is indicated in the
figure with the label “θ1|θ12|θ2: window=00”. Having programmed the device to use window “00”, all future
SYSREF events that occur in θ1 or θ2 would trigger the LMFC and frame clock to be aligned using the following
rising clock edge as the alignment reference (as indicated by the red arrow pointing to rising clock edge “R” and
labeled “Window=00/01 alignment edge”).
The full extent of each phase tolerance window is indicated in the figure using “box and whisker” plots. For the
“window=00” example, the “box” portion of the plot indicates that the phase tolerance window is centered on
θ12 (to be precise on the boundary between θ1 and θ2) and the “whisker” portion indicates that even if the
rising edge of SYSREF occurs as early as the preceding θ4 or as late as the following θ3 it still results in LMFC
and frame clock alignment to the same rising clock edge indicated by the red arrow labeled “Window=00/01
alignment edge”. When programmed for phase tolerance window “00”, the DAC chip is tolerant to variations in
the SYSREF timing ranging from a rising SYSREF edge that occurs just after one rising edge of clock to just
before the next rising edge of the clock. The qualifying phrases “just after” and “just before” are used here to
indicate that the SYSREF transition must occur far enough away from the rising edges of the clock to avoid
setup/hold violations and prevent the device from concluding that the SYSREF transition has crossed out off the
phase tolerance window when in fact it has not. The tolerance range for window “00” is from rising clock edge to
rising clock edge and is indicated in the figure by the green text labeled “tolerance = R↔R”.
Following the above example, if characterization reveals SYSREF timing centered on θ23 then phase tolerance
window “01” (with tolerance for SYSREF rising edge events from EF to EF) should be chosen. Notice that
this option is tolerant even to rising SYSREF edges that occur after the rising device clock edge (that is, in
θ4) and will treat them just as if they had occurred in one of the earlier three phases, aligning to the same
rising device clock edge indicated by the red arrow labeled “Window=00/01 Alignment Edge”. This allows the
system designer to tolerate PCB design errors and/or environmental and manufacturing variations – achieving
his intended alignment without having to make physical changes to the board to adjust the SYSREF timing.
Similarly, if characterization indicates that SYSREF timing is centered on θ34 or θ41 then phase tolerance
window “10” or “11” can be selected, resulting in tolerance for “F↔F” or “ER↔ER” SYSREF timing, respectively.
Note, however, that in these two cases the alignment reference edge is by default taken to be the subsequent
rising edge of the device clock. Since this may not be the desired behavior, the DAC38RFxx allows the user to
program in an optional alignment offset of θ1 if the default offset of 0 does not achieve the desired alignment.
This feature is illustrated in Figure 7-12 where the user can see that by setting the alignment offset to -1, phase
tolerance windows “10” and “11” can be made to trigger alignment to the earlier rising device clock edge used by
windows “00” and “01”. Alternatively, the window “00” and “01” alignment edge can be pushed one cycle later by
setting their alignment offset to +1.
www.ti.com
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com