Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC38RF80
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 9Page - Texas Instruments DAC38RF80 Datasheet HTML 10Page - Texas Instruments DAC38RF80 Datasheet HTML 11Page - Texas Instruments DAC38RF80 Datasheet HTML 12Page - Texas Instruments DAC38RF80 Datasheet HTML 13Page - Texas Instruments DAC38RF80 Datasheet HTML 14Page - Texas Instruments DAC38RF80 Datasheet HTML 15Page - Texas Instruments DAC38RF80 Datasheet HTML 16Page - Texas Instruments DAC38RF80 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 160 page
background image
6.5 Electrical Characteristics - DC Specifications (continued)
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, nominal supplies, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1 V Digital supplies: VDDDIG1
MODE 8: 1 TX, 1 IQ/slice, LMFS = 4211, PLL on, 6x
Interpolation, fINPUT = 983.04 MSPS, fDAC = 5898.24
MSPS, NCO1 = 2.14 GHz, CLKTX Disabled
848
mA
1 V Analog supplies: VDDA1
VDDACLK1 VDDTX1 VDDAPLL1
VDDT1 VDDE1
647
mA
1.8 V Supplies: VDDA18 VDDOUT18
VDDAVCO18 VDDAPLL18 VDDR18
VDDIO18 VDDS18 VDDTX18
230
mA
-1.8 V Supply: VEE18N
159
mA
PDIS
Power Dissipation
2195
mW
1 V Digital supplies: VDDDIG1
MODE 9: 2 TX, 2 IQ/slice, LMFS = 4831, PLL on, 24x
Interpolation, fINPUT = 368.64 MSPS, fDAC = 8847.36
MSPS, NCO1 = 2.14 GHz, CLKTX Disabled
2131
mA
1 V Analog supplies: VDDA1
VDDACLK1 VDDTX1 VDDAPLL1
VDDT1 VDDE1
1324
mA
1.8 V Supplies: VDDA18 VDDOUT18
VDDAVCO18 VDDAPLL18 VDDR18
VDDIO18 VDDS18 VDDTX18
251
mA
-1.8 V Supply: VEE18N
159
mA
PDIS
Power Dissipation
4192
mW
1 V Digital supplies: VDDDIG1
MODE 10: 1 TX, 2 IQ/slice, LMFS = 2431, PLL on, 24x
Interpolation, fINPUT = 368.64 MSPS, fDAC = 8847.36
MSPS, NCO1 = 2.14 GHz, CLKTX Disabled
1635
mA
1 V Analog supplies: VDDA1
VDDACLK1 VDDTX1 VDDAPLL1
VDDT1 VDDE1
1212
mA
1.8 V Supplies: VDDA18 VDDOUT18
VDDAVCO18 VDDAPLL18 VDDR18
VDDIO18 VDDS18 VDDTX18
250
mA
-1.8 V Supply: VEE18N
159
mA
PDIS
Power Dissipation
3583
mW
1 V Digital supplies: VDDDIG1
MODE 11: Power down mode, no clock, DACs in
sleep, SerDes in sleep
63
568
mA
1 V Analog supplies: VDDA1
VDDACLK1 VDDTX1 VDDAPLL1
VDDT1 VDDE1
18
105
mA
1.8 V Supplies: VDDA18 VDDOUT18
VDDAVCO18 VDDAPLL18 VDDR18
VDDIO18 VDDS18 VDDTX18
47
51
mA
-1.8 V Supply: VEE18N
23
28
mA
PDIS
Power Dissipation
208
815
mW
VDDTX1
fDAC = 8847 MSPS, Clock Out Divider Enabled
25
mA
fDAC = 5898 MSPS, Clock Out Divider Enabled
19
mA
VDDTX18
Clock Out Enabled
16
mA
www.ti.com
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com