Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 197 Page - Texas Instruments

Part # DM505
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505 Datasheet(HTML) 197 Page - Texas Instruments

Back Button DM505 Datasheet HTML 193Page - Texas Instruments DM505 Datasheet HTML 194Page - Texas Instruments DM505 Datasheet HTML 195Page - Texas Instruments DM505 Datasheet HTML 196Page - Texas Instruments DM505 Datasheet HTML 197Page - Texas Instruments DM505 Datasheet HTML 198Page - Texas Instruments DM505 Datasheet HTML 199Page - Texas Instruments DM505 Datasheet HTML 200Page - Texas Instruments DM505 Datasheet HTML 201Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 295 page
background image
197
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2018, Texas Instruments Incorporated
•
Video Encoder (VENC) with 10-bit standard definition video DAC (SD_DAC).
For more information, see section Video Encoder in chapter Display Subsystem of the device TRM.
DSS provides two interfaces to L3_MAIN interconnect
•
One 128-bit master port (with MFLAG support). The DMA engine in DISPC uses this single master to
read/write data from/to device system memory.
•
One 32-bit slave port. Used for registers configuration. It is further connected internally to DISPC and
VENC modules.
For more information, see chapter Display Subsystem of the device TRM.
6.10.3 ADC
The analog-to-digital converter (ADC) module is a successive-approximation-register (SAR) general-
purpose analog-to-digital converter.
The main features of the ADC include:
•
10-bit data.
•
8 general-purpose ADC channels.
•
750 KSPS at 13.5-MHz ADC_CLK.
•
Programmable FSM sequencer.
•
Support interrupts and status, with masking.
For more information, see chapter ADC of the device TRM.
6.10.4 ISS
The imaging subsystem (ISS) deals with the processing of the pixel data coming from an external image
sensor or data from memory (image format encoding and decoding can be done to and from memory).
With its subparts, such as interfaces and interconnects, image signal processor (ISP), and still image
coprocessor (SIMCOP), the ISS is a key component for the following applications:
•
Rear View Camera
•
Front View Stereo Camera
•
Surround View Camera
The ISS offers the following features:
•
ISS interfaces:
–
Camera Adapter Layer (CAL_A) module, which serves as sensor capture interface supporting
MIPI® CSI-2 protocol via external MIPI D-PHY module (CSI2_PHY1), and in addition provides write
DMA capability
–
CAL_B module, serving as internal read DMA engine, without direct sensor capture interface
capability
–
Parallel interface (CPI) (16 bits wide, with up to 212.8 MPix/s throughput, and supporting BT656,
SYNC modes)
–
LVDS receiver
–
128-bit-wide data interface to L3_MAIN interconnect
For more information, see chapter Imaging Subsystem of the device TRM.
6.10.5 Timers
The device includes several types of timers used by the system software, including eight general-purpose
(GP) timers, and a 32-kHz synchronized timer (COUNTER_32K).
6.10.5.1 General-Purpose Timers
The device has eight GP timers: TIMER1 through TIMER8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com