Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 247 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 247 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 243Page - Texas Instruments TDA2SA Datasheet HTML 244Page - Texas Instruments TDA2SA Datasheet HTML 245Page - Texas Instruments TDA2SA Datasheet HTML 246Page - Texas Instruments TDA2SA Datasheet HTML 247Page - Texas Instruments TDA2SA Datasheet HTML 248Page - Texas Instruments TDA2SA Datasheet HTML 249Page - Texas Instruments TDA2SA Datasheet HTML 250Page - Texas Instruments TDA2SA Datasheet HTML 251Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 427 page
background image
247
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Virtual IO Timings Modes must be used to ensure some IO timings for GPMC. See Table 7-2 Modes
Summary for a list of IO timings requiring the use of Virtual IO Timings Modes. See Table 7-33 Virtual
Functions Mapping for GPMC for a definition of the Virtual modes.
Table 7-33 presents the values for DELAYMODE bitfield.
Table 7-33. Virtual Functions Mapping for GPMC
BALL
BALL NAME
Delay Mode Value
MUXMODE[15:0]
GPMC_VIRTUAL1
0
1
2
3
5
6
M6
gpmc_ad0
11
gpmc_ad0
M2
gpmc_ad1
11
gpmc_ad1
L5
gpmc_ad2
11
gpmc_ad2
M1
gpmc_ad3
11
gpmc_ad3
L6
gpmc_ad4
11
gpmc_ad4
L4
gpmc_ad5
11
gpmc_ad5
L3
gpmc_ad6
11
gpmc_ad6
L2
gpmc_ad7
11
gpmc_ad7
L1
gpmc_ad8
11
gpmc_ad8
K2
gpmc_ad9
11
gpmc_ad9
J1
gpmc_ad10
11
gpmc_ad10
J2
gpmc_ad11
11
gpmc_ad11
H1
gpmc_ad12
11
gpmc_ad12
J3
gpmc_ad13
11
gpmc_ad13
H2
gpmc_ad14
11
gpmc_ad14
H3
gpmc_ad15
11
gpmc_ad15
R6
gpmc_a0
11
gpmc_a0
T9
gpmc_a1
11
gpmc_a1
T6
gpmc_a2
11
gpmc_a2
T7
gpmc_a3
10
gpmc_a3
P6
gpmc_a4
10
gpmc_a4
R9
gpmc_a5
11
gpmc_a5
R5
gpmc_a6
11
gpmc_a6
P5
gpmc_a7
11
gpmc_a7
N7
gpmc_a8
12
gpmc_a8
R4
gpmc_a9
12
gpmc_a9
N9
gpmc_a10
12
gpmc_a10
P9
gpmc_a11
11
gpmc_a11
P4
gpmc_a12
13
gpmc_a12
gpmc_a0
R3
gpmc_a13
12
gpmc_a13
T2
gpmc_a14
12
gpmc_a14
U2
gpmc_a15
12
gpmc_a15
U1
gpmc_a16
12
gpmc_a16
P3
gpmc_a17
12
gpmc_a17
R2
gpmc_a18
12
gpmc_a18
K7
gpmc_a19
11
gpmc_a19
gpmc_a13
M7
gpmc_a20
11
gpmc_a20
gpmc_a14
J5
gpmc_a21
11
gpmc_a21
gpmc_a15
K6
gpmc_a22
11
gpmc_a22
gpmc_a16
J7
gpmc_a23
11
gpmc_a23
gpmc_a17
J4
gpmc_a24
11
gpmc_a24
gpmc_a18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com