Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 271 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 271 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 267Page - Texas Instruments TDA2SA Datasheet HTML 268Page - Texas Instruments TDA2SA Datasheet HTML 269Page - Texas Instruments TDA2SA Datasheet HTML 270Page - Texas Instruments TDA2SA Datasheet HTML 271Page - Texas Instruments TDA2SA Datasheet HTML 272Page - Texas Instruments TDA2SA Datasheet HTML 273Page - Texas Instruments TDA2SA Datasheet HTML 274Page - Texas Instruments TDA2SA Datasheet HTML 275Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 427 page
background image
271
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-51. Virtual Mode Case Details for McASP1
No.
CASE
CASE Description
Virtual Mode Settings
Notes
Signals
Virtual Mode Value
IP Mode : ASYNC
1
COIFOI
CLKX / FSX: Output
CLKR / FSR: Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-36
AXR(Inputs)/CLKR/FSR
MCASP1_VIRTUAL3_ASYNC_RX
2
COIFIO
CLKX / FSR: Output
CLKR / FSX: Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-37
AXR(Inputs)/CLKR/FSR
MCASP1_VIRTUAL3_ASYNC_RX
3
CIOFIO
CLKR / FSR: Output
CLKX / FSX: Input
AXR(Outputs)/CLKX/FSX
MCASP1_VIRTUAL3_ASYNC_RX
See Figure 7-38
AXR(Inputs)/CLKR/FSR
MCASP1_VIRTUAL1_ASYNC_TX
4
CIOFOI
CLKR / FSX: Output
CLKX / FSR: Input
AXR(Outputs)/CLKX/FSX
MCASP1_VIRTUAL3_ASYNC_RX
See Figure 7-39
AXR(Inputs)/CLKR/FSR
MCASP1_VIRTUAL1_ASYNC_TX
IP Mode : SYNC (CLKR / FSR internally generated from CLKX / FSX)
5
CO-FO-
CLKX / FSX: Output
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-40
AXR(Inputs)/CLKX/FSX
Default (No Virtual Mode)
6
CI-FO-
FSX: Output CLKX:
Input
AXR(Outputs)/CLKX/FSX
MCASP1_VIRTUAL2_SYNC_RX
See Figure 7-41
AXR(Inputs)/CLKX/FSX
MCASP1_VIRTUAL2_SYNC_RX
7
CI-FI-
CLKX / FSX: Input
AXR(Outputs)/CLKX/FSX
MCASP1_VIRTUAL2_SYNC_RX
See Figure 7-42
AXR(Inputs)/CLKX/FSX
MCASP1_VIRTUAL2_SYNC_RX
8
CO-FI-
CLKX: Output FSX:
Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-43
AXR(Inputs)/CLKX/FSX
Default (No Virtual Mode)
Table 7-52. Virtual Mode Case Details for McASP2
No.
CASE
CASE
Description
Virtual Mode Settings
Notes
Signals
Virtual Mode Value
IP Mode : ASYNC
1
COIFOI
CLKX / FSX:
Output CLKR /
FSR: Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)(1)
See Figure 7-36
AXR(Inputs)/CLKR/FSR
Default (No Virtual Mode)(1)
AXR(Inputs)/CLKR/FSR
MCASP2_VIRTUAL4_ASYNC_RX_80M (2)
2
COIFIO
CLKX / FSR:
Output CLKR /
FSX: Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-37
AXR(Inputs)/CLKR/FSR
MCASP2_VIRTUAL2_ASYNC_RX
3
CIOFIO
CLKR / FSR:
Output CLKX /
FSX: Input
AXR(Outputs)/CLKX/FSX
MCASP2_VIRTUAL2_ASYNC_RX
See Figure 7-38
AXR(Inputs)/CLKR/FSR
Default (No Virtual Mode)
4
CIOFOI
CLKR / FSX:
Output CLKX /
FSR: Input
AXR(Outputs)/CLKX/FSX
MCASP2_VIRTUAL2_ASYNC_RX
See Figure 7-39
AXR(Inputs)/CLKR/FSR
Default (No Virtual Mode)
IP Mode : SYNC (CLKR / FSR internally generated from CLKX / FSX)
5
CO-FO-
CLKX / FSX:
Output
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-40
AXR(Inputs)/CLKX/FSX
Default (No Virtual Mode)
6
CI-FO-
FSX: Output
CLKX: Input
AXR(Outputs)/CLKX/FSX
MCASP2_VIRTUAL3_SYNC_RX
See Figure 7-41
AXR(Inputs)/CLKX/FSX
MCASP2_VIRTUAL3_SYNC_RX
7
CI-FI-
CLKX / FSX:
Input
AXR(Outputs)/CLKX/FSX
MCASP2_VIRTUAL3_SYNC_RX(1)
See Figure 7-42
AXR(Inputs)/CLKX/FSX
MCASP2_VIRTUAL3_SYNC_RX(1)
AXR(Inputs)/CLKX/FSX
MCASP2_VIRTUAL1_SYNC_RX_80M(2)
8
CO-FI-
CLKX: Output
FSX: Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-43
AXR(Inputs)/CLKX/FSX
Default (No Virtual Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com