Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 272 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 272 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 268Page - Texas Instruments TDA2SA Datasheet HTML 269Page - Texas Instruments TDA2SA Datasheet HTML 270Page - Texas Instruments TDA2SA Datasheet HTML 271Page - Texas Instruments TDA2SA Datasheet HTML 272Page - Texas Instruments TDA2SA Datasheet HTML 273Page - Texas Instruments TDA2SA Datasheet HTML 274Page - Texas Instruments TDA2SA Datasheet HTML 275Page - Texas Instruments TDA2SA Datasheet HTML 276Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 427 page
background image
272
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
(1) Used up to 50MHz. Should also be used in a CI-FI- mixed case where AXR operate as both inputs and outputs (that is, AXR are
bidirectional).
(2) Used in 80MHz input only mode when AXR, CLKX and FSX are all inputs.
Table 7-53. Virtual Mode Case Details for McASP3
No.
CASE
CASE
Description
Virtual Mode Settings
Notes
Signals
Virtual Mode Value
IP Mode : ASYNC
1
COIFOI
CLKX /
FSX: Output
CLKR /
FSR: Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-36
AXR(Inputs)/CLKR/FSR
MCASP3_VIRTUAL2_SYNC_RX
2
COIFIO
CLKX /
FSR: Output
CLKR /
FSX: Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-37
AXR(Inputs)/CLKR/FSR
MCASP3_VIRTUAL2_SYNC_RX
3
CIOFIO
CLKR /
FSR: Output
CLKX /
FSX: Input
AXR(Outputs)/CLKX/FSX
MCASP3_VIRTUAL2_SYNC_RX
See Figure 7-38
AXR(Inputs)/CLKR/FSR
MCASP3_VIRTUAL2_SYNC_RX
4
CIOFOI
CLKR /
FSX: Output
CLKX /
FSR: Input
AXR(Outputs)/CLKX/FSX
MCASP3_VIRTUAL2_SYNC_RX
See Figure 7-39
AXR(Inputs)/CLKR/FSR
MCASP3_VIRTUAL2_SYNC_RX
IP Mode : SYNC (CLKR / FSR internally generated from CLKX / FSX)
5
CO-FO-
CLKX /
FSX: Output
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-40
AXR(Inputs)/CLKX/FSX
Default (No Virtual Mode)
6
CI-FO-
FSX: Output
CLKX: Input
AXR(Outputs)/CLKX/FSX
MCASP3_VIRTUAL2_SYNC_RX
See Figure 7-41
AXR(Inputs)/CLKX/FSX
MCASP3_VIRTUAL2_SYNC_RX
7
CI-FI-
CLKX /
FSX: Input
AXR(Outputs)/CLKX/FSX
MCASP3_VIRTUAL2_SYNC_RX
See Figure 7-42
AXR(Inputs)/CLKX/FSX
MCASP3_VIRTUAL2_SYNC_RX
8
CO-FI-
CLKX:
Output FSX:
Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-43
AXR(Inputs)/CLKX/FSX
Default (No Virtual Mode)
Table 7-54. Virtual Mode Case Details for McASP4
No.
CASE
CASE
Description
Virtual Mode Settings
Notes
Signals
Virtual Mode Value
IP Mode : ASYNC
1
COIFOI
CLKX / FSX:
Output CLKR /
FSR: Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-36
AXR(Inputs)/CLKR/FSR
MCASP4_VIRTUAL1_SYNC_RX
2
COIFIO
CLKX / FSR:
Output CLKR /
FSX: Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-37
AXR(Inputs)/CLKR/FSR
MCASP4_VIRTUAL1_SYNC_RX
3
CIOFIO
CLKR / FSR:
Output CLKX /
FSX: Input
AXR(Outputs)/CLKX/FSX
MCASP4_VIRTUAL1_SYNC_RX
See Figure 7-38
AXR(Inputs)/CLKR/FSR
MCASP4_VIRTUAL1_SYNC_RX
4
CIOFOI
CLKR / FSX:
Output CLKX /
FSR: Input
AXR(Outputs)/CLKX/FSX
MCASP4_VIRTUAL1_SYNC_RX
See Figure 7-39
AXR(Inputs)/CLKR/FSR
MCASP4_VIRTUAL1_SYNC_RX
IP Mode : SYNC (CLKR / FSR internally generated from CLKX / FSX)
5
CO-FO-
CLKX / FSX:
Output
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-40
AXR(Inputs)/CLKX/FSX
Default (No Virtual Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com