Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 305 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 305 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 301Page - Texas Instruments TDA2SA Datasheet HTML 302Page - Texas Instruments TDA2SA Datasheet HTML 303Page - Texas Instruments TDA2SA Datasheet HTML 304Page - Texas Instruments TDA2SA Datasheet HTML 305Page - Texas Instruments TDA2SA Datasheet HTML 306Page - Texas Instruments TDA2SA Datasheet HTML 307Page - Texas Instruments TDA2SA Datasheet HTML 308Page - Texas Instruments TDA2SA Datasheet HTML 309Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 427 page
background image
mmc _clk
1
mmc _cmd
1
mmc _dat[3:0]
1
DDR500
DDR501
DDR502
DDR503(max)
DDR503(min)
DDR504(max)
DDR504(min)
DDR504(min)
DDR504(max)
MMC1_14
mmc _clk
1
mmc _cmd
1
mmc _dat[3:0]
1
DDR500
DDR501
DDR502
DDR505
DDR506
DDR508
DDR507
DDR507
DDR508
MMC1_13
305
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-101. Switching Characteristics for MMC1 - SD Card DDR50 Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
DDR500
fop(clk)
Operating frequency, mmc1_clk
48
MHz
DDR501
tw(clkH)
Pulse duration, mmc1_clk high
0.5*P-
0.185 (1)
ns
DDR502
tw(clkL)
Pulse duration, mmc1_clk low
0.5*P-
0.185 (1)
ns
DDR503
td(clk-cmdV)
Delay time, mmc1_clk transition to mmc1_cmd transition
1.225
6.6
ns
DDR504
td(clk-dV)
Delay time, mmc1_clk transition to mmc1_dat[3:0] transition
1.225
6.6
ns
(1) P = output mmc1_clk period in ns
Figure 7-66. SDMMC - High Speed SD - DDR - Data/Command Receive
Figure 7-67. SDMMC - High Speed SD - DDR - Data/Command Transmit
NOTE
To configure the desired virtual mode the user must set MODESELECT bit and
DELAYMODE bitfield for each corresponding pad control register.
The pad control registers are presented in Table 4-3 and described in Device TRM, Control
Module Chapter.
Virtual IO Timings Modes must be used to ensure some IO timings for MMC1. See Table 7-2 Modes
Summary for a list of IO timings requiring the use of Virtual IO Timings Modes. See Table 7-102 Virtual
Functions Mapping for MMC1 for a definition of the Virtual modes.
Table 7-102 presents the values for DELAYMODE bitfield.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com