Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 314 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 314 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 310Page - Texas Instruments TDA2SA Datasheet HTML 311Page - Texas Instruments TDA2SA Datasheet HTML 312Page - Texas Instruments TDA2SA Datasheet HTML 313Page - Texas Instruments TDA2SA Datasheet HTML 314Page - Texas Instruments TDA2SA Datasheet HTML 315Page - Texas Instruments TDA2SA Datasheet HTML 316Page - Texas Instruments TDA2SA Datasheet HTML 317Page - Texas Instruments TDA2SA Datasheet HTML 318Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
314
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 7-113. Manual Functions Mapping for MMC2 With Internal Loopback Clock and for HS200
BALL
BALL NAME
MMC2_DDR_LB_MANUAL1
MMC2_STD_HS_LB_MANUAL1
MMC2_HS200_MANUAL1
CFG REGISTER
MUXMODE
A_DELAY (ps)
G_DELAY
(ps)
A_DELAY (ps)
G_DELAY (ps)
A_DELAY (ps)
G_DELAY (ps)
1
K7
gpmc_a19
49
0
850
0
-
-
CFG_GPMC_A19_IN
mmc2_dat4
K7
gpmc_a19
0
0
0
0
274
0
CFG_GPMC_A19_OEN
mmc2_dat4
K7
gpmc_a19
170
0
0
0
162
0
CFG_GPMC_A19_OUT
mmc2_dat4
M7
gpmc_a20
463
0
1264
0
-
-
CFG_GPMC_A20_IN
mmc2_dat5
M7
gpmc_a20
0
0
0
0
401
0
CFG_GPMC_A20_OEN
mmc2_dat5
M7
gpmc_a20
81
0
0
0
73
0
CFG_GPMC_A20_OUT
mmc2_dat5
J5
gpmc_a21
8
0
786
0
-
-
CFG_GPMC_A21_IN
mmc2_dat6
J5
gpmc_a21
0
0
0
0
465
0
CFG_GPMC_A21_OEN
mmc2_dat6
J5
gpmc_a21
123
0
0
0
115
0
CFG_GPMC_A21_OUT
mmc2_dat6
K6
gpmc_a22
0
102
902
0
-
-
CFG_GPMC_A22_IN
mmc2_dat7
K6
gpmc_a22
0
0
0
0
633
0
CFG_GPMC_A22_OEN
mmc2_dat7
K6
gpmc_a22
55
0
0
0
47
0
CFG_GPMC_A22_OUT
mmc2_dat7
J7
gpmc_a23
592
2815
0
2764
-
-
CFG_GPMC_A23_IN
mmc2_clk
J7
gpmc_a23
422
0
0
0
935
280
CFG_GPMC_A23_OUT
mmc2_clk
J4
gpmc_a24
384
0
1185
0
-
-
CFG_GPMC_A24_IN
mmc2_dat0
J4
gpmc_a24
0
0
0
0
621
0
CFG_GPMC_A24_OEN
mmc2_dat0
J4
gpmc_a24
0
0
0
0
0
0
CFG_GPMC_A24_OUT
mmc2_dat0
J6
gpmc_a25
0
0
670
0
-
-
CFG_GPMC_A25_IN
mmc2_dat1
J6
gpmc_a25
0
0
0
0
183
0
CFG_GPMC_A25_OEN
mmc2_dat1
J6
gpmc_a25
0
0
0
0
0
0
CFG_GPMC_A25_OUT
mmc2_dat1
H4
gpmc_a26
171
0
972
0
-
-
CFG_GPMC_A26_IN
mmc2_dat2
H4
gpmc_a26
0
0
0
0
467
0
CFG_GPMC_A26_OEN
mmc2_dat2
H4
gpmc_a26
0
0
0
0
0
0
CFG_GPMC_A26_OUT
mmc2_dat2
H5
gpmc_a27
315
0
1116
0
-
-
CFG_GPMC_A27_IN
mmc2_dat3
H5
gpmc_a27
0
0
0
0
262
0
CFG_GPMC_A27_OEN
mmc2_dat3
H5
gpmc_a27
54
0
0
0
46
0
CFG_GPMC_A27_OUT
mmc2_dat3
H6
gpmc_cs1
0
0
250
0
-
-
CFG_GPMC_CS1_IN
mmc2_cmd
H6
gpmc_cs1
0
0
0
0
684
0
CFG_GPMC_CS1_OEN
mmc2_cmd
H6
gpmc_cs1
0
0
0
0
76
0
CFG_GPMC_CS1_OUT
mmc2_cmd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com