Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 326 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 326 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 322Page - Texas Instruments TDA2SA Datasheet HTML 323Page - Texas Instruments TDA2SA Datasheet HTML 324Page - Texas Instruments TDA2SA Datasheet HTML 325Page - Texas Instruments TDA2SA Datasheet HTML 326Page - Texas Instruments TDA2SA Datasheet HTML 327Page - Texas Instruments TDA2SA Datasheet HTML 328Page - Texas Instruments TDA2SA Datasheet HTML 329Page - Texas Instruments TDA2SA Datasheet HTML 330Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 427 page
background image
3
TCK
TDO
TDI/TMS
2
4
1
1a
1b
JTAG_01
326
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-134. Timing Requirements for IEEE 1149.1 JTAG (continued)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
3
tsu(TDI-TCK)
Input setup time, TDI valid to TCK high
6.23
ns
tsu(TMS-TCK)
Input setup time, TMS valid to TCK high
6.23
ns
4
th(TCK-TDI)
Input hold time, TDI valid from TCK high
31.15
ns
th(TCK-TMS)
Input hold time, TMS valid from TCK high
31.15
ns
Table 7-135. Switching Characteristics Over Recommended Operating Conditions for IEEE 1149.1 JTAG
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
2
td(TCKL-TDOV)
Delay time, TCK low to TDO valid
0
30.5
ns
Figure 7-85. JTAG Timing
Table 7-136, Table 7-137 and Figure 7-86 assume testing over the recommended operating conditions
and electrical characteristic conditions below.
Table 7-136. Timing Requirements for IEEE 1149.1 JTAG With RTCK
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
tc(TCK)
Cycle time, TCK
62.29
ns
1a
tw(TCKH)
Pulse duration, TCK high (40% of tc)
24.92
ns
1b
tw(TCKL)
Pulse duration, TCK low (40% of tc)
24.92
ns
3
tsu(TDI-TCK)
Input setup time, TDI valid to TCK high
6.23
ns
tsu(TMS-TCK)
Input setup time, TMS valid to TCK high
6.23
ns
4
th(TCK-TDI)
Input hold time, TDI valid from TCK high
31.15
ns
th(TCK-TMS)
Input hold time, TMS valid from TCK high
31.15
ns
Table 7-137. Switching Characteristics Over Recommended Operating Conditions for
IEEE 1149.1 JTAG With RTCK
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
5
td(TCK-RTCK)
Delay time, TCK to RTCK with no selected subpaths (ICEPick is the
only tap selected - when the Arm is in the scan chain, the delay time
is a function of the Arm functional clock).
0
27
ns
6
tc(RTCK)
Cycle time, RTCK
62.29
ns
7
tw(RTCKH)
Pulse duration, RTCK high (40% of tc)
24.92
ns
8
tw(RTCKL)
Pulse duration, RTCK low (40% of tc)
24.92
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com