Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 325 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 325 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 321Page - Texas Instruments TDA2SA Datasheet HTML 322Page - Texas Instruments TDA2SA Datasheet HTML 323Page - Texas Instruments TDA2SA Datasheet HTML 324Page - Texas Instruments TDA2SA Datasheet HTML 325Page - Texas Instruments TDA2SA Datasheet HTML 326Page - Texas Instruments TDA2SA Datasheet HTML 327Page - Texas Instruments TDA2SA Datasheet HTML 328Page - Texas Instruments TDA2SA Datasheet HTML 329Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 427 page
background image
325
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
NOTE
For more information, see the General-Purpose Interface chapter of the Device TRM.
NOTE
The general-purpose input/output i (i = 1 to 8) bank is also referred to as GPIOi.
7.24 System and Miscellaneous interfaces
The Device includes the following System and Miscellaneous interfaces:
•
Sysboot Interface
•
Enhanced DMA Interface
•
Interrupt Controllers (INTC) Interface
•
Observability Signal (OBS) Interface
7.25 Test Interfaces
The Device includes the following Test interfaces:
•
IEEE 1149.1 Standard-Test-Access Port (JTAG)
•
Trace Port Interface Unit (TPIU)
•
Advanced Event Triggering Interface (AET)
7.25.1 IEEE 1149.1 Standard-Test-Access Port (JTAG)
The JTAG (IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture)
interface is used for BSDL testing and emulation of the device. The trstn pin only needs to be released
when it is necessary to use a JTAG controller to debug the device or exercise the device's boundary scan
functionality. For maximum reliability, the device includes an internal Pulldown (IPD) on the trstn pin to
ensure that trstn is always asserted upon power up and the device's internal emulation logic is always
properly initialized. JTAG controllers from Texas Instruments actively drive trstn high. However, some
third-party JTAG controllers may not drive trstn high but expect the use of a Pullup resistor on trstn. When
using this type of JTAG controller, assert trstn to initialize the device after powerup and externally drive
trstn high before attempting any emulation or boundary-scan operations.
The main JTAG features include:
•
32KB embedded trace buffer (ETB™)
•
5-pin system trace interface for debug
•
Supports Advanced Event Triggering (AET)
•
All processors can be emulated via JTAG ports
•
All functions on EMU pins of the device:
–
EMU[1:0] - cross-triggering, boot mode (WIR), STM trace
–
EMU[4:2] - STM trace only (single direction)
7.25.1.1 JTAG Electrical Data/Timing
Table 7-134, Table 7-135 and Figure 7-85 assume testing over the recommended operating conditions
and electrical characteristic conditions below.
Table 7-134. Timing Requirements for IEEE 1149.1 JTAG
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
tc(TCK)
Cycle time, TCK
62.29
ns
1a
tw(TCKH)
Pulse duration, TCK high (40% of tc)
24.92
ns
1b
tw(TCKL)
Pulse duration, TCK low (40% of tc)
24.92
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com