Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 331 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 331 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 327Page - Texas Instruments TDA2SA Datasheet HTML 328Page - Texas Instruments TDA2SA Datasheet HTML 329Page - Texas Instruments TDA2SA Datasheet HTML 330Page - Texas Instruments TDA2SA Datasheet HTML 331Page - Texas Instruments TDA2SA Datasheet HTML 332Page - Texas Instruments TDA2SA Datasheet HTML 333Page - Texas Instruments TDA2SA Datasheet HTML 334Page - Texas Instruments TDA2SA Datasheet HTML 335Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 427 page
background image
SPRABP6-002
TOP/SIGNAL1
GROUND
POWER
SIGNAL2
SIGNAL3
POWER
GROUND
BOTTOM/SIGNAL4
Package
DIE
Trace
Capacitor
Via
Note: 1. BGA via pair loop inductance
2. Power/Ground net spreading inductance
3. Capacitor trace inductance
Loop inductance
1
2
3
Power/Ground
Ground/Power
SPRABP6-001
331
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 8-1. Minimize Loop Inductance With Proper Layer Assignment
The placement of power and ground planes in the PCB stackup (determined by layer assignment) has a
significant impact on the parasitic inductances of power current path as shown in Figure 8-1. For this
reason, it is recommended to consider layer order in the early stages of the PCB PDN design cycle,
putting high-priority supplies in the top half of the stackup (assuming high load and priority components
are mounted on the top-side of PCB) and low-priority supplies in the bottom half of the stackup as shown
in the examples below (vias have parasitic inductances which impact the bottom layers more, so it is
advised to put the sensitive and high-priority power supplies on the top/same layers).
Two PCB stack-ups with layer assignments and via types that can enable an optimize PDN are shown in
Figure 8-2 and Figure 8-3.
Figure 8-2. Layer PCB With High Density Interconnect (HDI) Vias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com