Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 332 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 332 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 328Page - Texas Instruments TDA2SA Datasheet HTML 329Page - Texas Instruments TDA2SA Datasheet HTML 330Page - Texas Instruments TDA2SA Datasheet HTML 331Page - Texas Instruments TDA2SA Datasheet HTML 332Page - Texas Instruments TDA2SA Datasheet HTML 333Page - Texas Instruments TDA2SA Datasheet HTML 334Page - Texas Instruments TDA2SA Datasheet HTML 335Page - Texas Instruments TDA2SA Datasheet HTML 336Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 427 page
background image
SPRABP6-003
TOP/SIGNAL1
POWER
GROUND
SIGNAL2
SIGNAL3
GROUND
POWER
BOTTOM/SIGNAL4
332
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 8-3. Layer PCB With Plated Through Holes (PTH) Vias
8.2.2
Step 2: Physical Placement
A critical step in designing an optimized PDN is that proper care must be taken to making sure that the
initial floor planning of the PCB layout is done with good power integrity design guidelines in mind. The
following points are important for optimizing a PCB’s PDN:
•
Minimizing the physical distance between power sources and key high load components is the first
step toward optimization. Placing source and load components on the same side of the PCB is
desirable. This will minimize via inductance impact for high current loads and steps
•
External trace routing between components must be as wide as possible. The wider the traces, the
lower the DC resistance and consequently the lower the static IR drop.
•
Whenever possible for the internal layers (routing and plane), wide traces and copper area fills are
preferred for PDN layout. The routing of power nets in plane provide for more interplane capacitance
and improved high frequency performance of the PDN.
•
Whenever possible, use a via to component pin/pad ratio of 1:1 or better (i.e. especially decoupling
capacitors, power inductors and current sensing resistors). Do not share vias among multiple
capacitors for connecting power supply and ground planes.
•
Placement of vias must be as close as possible or even within a component’s solder pad if the PCB
technology you are using provides this capability.
Figure 8-4 shows an example of acceptable width for power net routing but with poor via placement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com