Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 336 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 336 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 332Page - Texas Instruments TDA2SA Datasheet HTML 333Page - Texas Instruments TDA2SA Datasheet HTML 334Page - Texas Instruments TDA2SA Datasheet HTML 335Page - Texas Instruments TDA2SA Datasheet HTML 336Page - Texas Instruments TDA2SA Datasheet HTML 337Page - Texas Instruments TDA2SA Datasheet HTML 338Page - Texas Instruments TDA2SA Datasheet HTML 339Page - Texas Instruments TDA2SA Datasheet HTML 340Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 427 page
background image
BGA pad on PCB
Source
Component
Load
Component
Static IR drop and Effective Resistance
PCB
PCB_PO_10
336
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 8-10. Static IR Drop Budget for PCB Only
The system-level IR drop budget is made up of three portions: on-chip, package, and PCB board. Static IR
or DC analysis/design methodology consists of designing the PDN such that the voltage drop (under DC
operating conditions) across power and ground pads of the transistors of the application processor device
is within a specified value of the nominal voltage for proper functionality of the device.
A PCB system-level voltage drop budget for proper device functionality is typically 1.5% of nominal
voltage. For a 1.35-V supply, this would be
≤20 mV.
To accurately analyze PCB static IR drop, the actual geometry of the PDN must be modeled properly and
simulated to accurately characterize long distribution paths, copper weight impacts, electro-migration
violations of current-carrying vias, and “Swiss-cheese” effects via placement has on power rails. It is
recommended to perform the following analyses:
•
Lumped resistance/IR drop analysis
•
Distributed resistance/IR drop analysis
NOTE
The PMIC companion device supporting Processor has been designed with voltage sensing
feedback loop capabilities that enable a remote sense of the SMPS output voltage at the
point of use.
The NOTE above means the SMPS feedback signals and returns must be routed across PCB and
connected to the Device input power ball for which a particular SMPS is supplying power. This feedback
loop provides compensation for some of the voltage drop encountered across the PDN within limits. As
such, the effective resistance of the PDN within this loop should be determined in order to optimize
voltage compensation loop performance. The resistance of two PDN segments are of interest: one from
the power inductor/bulk power filtering capacitor node to the Processor’s input power and second is the
entire PDN route from SMPS output pin/ball to the Processor input power.
In the following sections each methodology is described in detail and an example has been provided of
analysis flow that can be used by the PCB designer to validate compliance to the requirements on their
PCB PDN design.
8.2.3.1
PDN Resistance and IR Drop
Lumped methodology consists of grouping all of the power pins on both the PMIC (voltage source) and
processor (current sink) devices. Then the PMIC source is set to an expected Use Case voltage level and
the processor load has its Use Case current sink value set as well. Now the lumped/effective resistance
for the power rail trace/plane routes can be determine based upon the actual layout’s power rail etch wide,
shape, length, via count and placement Figure 8-11 illustrates the pin-grouping/lumped concept.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com