Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 339 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 339 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 335Page - Texas Instruments TDA2SA Datasheet HTML 336Page - Texas Instruments TDA2SA Datasheet HTML 337Page - Texas Instruments TDA2SA Datasheet HTML 338Page - Texas Instruments TDA2SA Datasheet HTML 339Page - Texas Instruments TDA2SA Datasheet HTML 340Page - Texas Instruments TDA2SA Datasheet HTML 341Page - Texas Instruments TDA2SA Datasheet HTML 342Page - Texas Instruments TDA2SA Datasheet HTML 343Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 427 page
background image
Trace
Pad
Via
Mounting geometry for reduced inductance
Via-in-pad
SWPS040-177
339
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
The length of a trace used to connect a capacitor has a big impact on parasitic inductance and resistance
of the mounting. This trace must be as short and as wide as possible. wherever possible, minimize
distance to supply and Gnd vias by locating vias nearby or within the capacitor’s solder pad landing.
Further improvements can be made to the mounting by placing vias to the side of capacitor lands or
doubling the number of vias as shown in Figure 8-15. If the PCB manufacturing processes allow it and if
cost-effective, via-in-pad (VIP) geometries are strongly recommended.
In addition to mounting inductance and resistance associated with placing a capacitor on the PCB, the
effectiveness of a decoupling capacitor also depends on the spreading inductance and resistance that the
capacitor sees with respect to the load. The spreading inductance and resistance is strongly dependent on
the layer assignment in the PCB stack-up. Therefore, try to minimize X, Y and Z dimensions where the Z
is due to PCB thickness (as shown in Figure 8-2).
From left (highest inductance) to right (lowest inductance) the capacitor footprint types shown in Figure 8-
15 are known as:
•
2-via, Skinny End Exit (2vSEE)
•
2-via, Wide End Exit (2vWEE)
•
2-via, Wide Side Exit (2vWSE)
•
4-via, Wide Side Exit (4vWSE)
•
2-via, In-Pad (2vIP)
Figure 8-15. Capacitor Placement Geometry for Improved Mounting Inductance
NOTE
Evaluation of loop inductance values for decoupling capacitor footprints 2vSEE (worst case)
vs 4vWSE (2nd best) has shown a 30% reduction in inductance when 4vWSE footprint was
used in place of 2vSEE.
Decoupling Capacitor (Dcap) Strategy:
1. Use lowest inductance footprint and trace connection scheme possible for given PCB technology and
layout area in order to minimize Dcap loop inductance to power pin as much as possible (see Figure 8-
15).
2. Place Dcaps on “same-side” as component within their power plane outline to minimize “decoupling
loop inductance”. Target distance to power pin should be less than ~500mils depending upon PCB
layout characteristics (plane's layer assignment and solid nature). Use PI modeling CAD tool to verify



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com