Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 342 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 342 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 338Page - Texas Instruments TDA2SA Datasheet HTML 339Page - Texas Instruments TDA2SA Datasheet HTML 340Page - Texas Instruments TDA2SA Datasheet HTML 341Page - Texas Instruments TDA2SA Datasheet HTML 342Page - Texas Instruments TDA2SA Datasheet HTML 343Page - Texas Instruments TDA2SA Datasheet HTML 344Page - Texas Instruments TDA2SA Datasheet HTML 345Page - Texas Instruments TDA2SA Datasheet HTML 346Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 427 page
background image
BAD
BETTER
SWPS040-220
342
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 8-17. Trace Examples
•
Always route signal traces and their associated ground returns as close to one another as possible to
minimize the loop area enclosed by current flow:
–
At high frequencies current follows the path of least inductance.
–
At low frequencies current flows through the path of least resistance.
8.2.6
EMI / EMC Issues Prevention
All high-speed digital integrated circuits can be sources of unwanted radiation, which can affect nearby
sensitive circuitry and cause the final product to have radiated emissions levels above the limits allowed
by the EMC regulations if some preventative steps are not taken.
Likewise, analog and digital circuits can be susceptible to interference from the outside world and picked
up by the circuitry interconnections.
To minimize the potential for EMI/EMC issues, the following guidelines are recommended to be followed.
8.2.6.1
Signal Bandwidth
To evaluate the frequency of a digital signal, an estimated rule of thumb is to consider its bandwidth fBW
with respect to its rise time, tR:
fBW ≈ 0.35 / tR
This frequency actually corresponds to the break point in the signal spectrum, where the harmonics start
to decay at 40 dB per decade instead of 20 dB per decade.
8.2.6.2
Signal Routing
8.2.6.2.1 Signal Routing—Sensitive Signals and Shielding
Keep radio frequency (RF) sensitive circuitry (like GPS receivers, GSM/WCDMA, Bluetooth/WLAN
transceivers, frequency modulation (FM) radio) away from high-speed ICs (the device, power and audio
manager, chargers, memories, and so forth) and ideally on the opposite side of the PCB. For improved
protection it is recommended to place these emission sources in a shield can. If the shield can have a
removable lid (two-piece shield), ensure there is low contact impedance between the fence and the lid.
Leave some space between the lid and the components under it to limit the high-frequency currents
induced in the lid. Limit the shield size to put any potential shield resonances above the frequencies of
interest; see Figure 8-14, Typical Impedance Profile of a Capacitor.
8.2.6.2.2 Signal Routing—Outer Layer Routing
In case there is a need to use the outer layers for routing outside of shielded areas, it is recommended to
route only static signals and ensure that these static signals do not carry any high-frequency components
(due to parasitic coupling with other signals). In case of long traces, make provision for a bypass capacitor
near the signal source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com