Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 344 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 344 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 340Page - Texas Instruments TDA2SA Datasheet HTML 341Page - Texas Instruments TDA2SA Datasheet HTML 342Page - Texas Instruments TDA2SA Datasheet HTML 343Page - Texas Instruments TDA2SA Datasheet HTML 344Page - Texas Instruments TDA2SA Datasheet HTML 345Page - Texas Instruments TDA2SA Datasheet HTML 346Page - Texas Instruments TDA2SA Datasheet HTML 347Page - Texas Instruments TDA2SA Datasheet HTML 348Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 427 page
background image
Signal
Power
Ground
Signal
SWPS040-200
344
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 8-19. Guard Ring Routing
The intention of the guard ring is that HF-energy, that otherwise would have been emitted from the PCB
edge, is reflected back into the board where it partially will be absorbed. For this purpose ground traces on
the borders of all layers (including power layer) must be applied as shown in Figure 8-19.
As these traces must have the same (HF–) potential as the ground plane they must be connected to the
ground plane at least every 10 mm.
8.2.6.3.5 Analog and Digital Ground
For the optimum solution, the AGND and the DGND planes must be connected together at the power
supply source in a same point. This ensures that both planes are at the same potential, while the transfer
of noise from the digital to the analog domain is minimized.
8.3
Core Power Domains
This section provides boundary conditions and theoretical background to be applied as a guide for
optimizing a PCB design. The decoupling capacitor and PDN characteristics tables shown below give
recommended capacitors and PCB parameters to be followed for schematic and PCB designs. Board
designs that meet the static and dynamic PDN characteristics shown in tables below will be aligned to the
expected PDN performance needed to optimize SoC performance.
8.3.1
General Constraints and Theory
•
Max PCB static/DC voltage drop (IRd) budget of 1.5% of supply voltage when using PMICs without
remote sensing as measured from PMIC’s power inductor and filter capacitor node to Processor input
including any ground return losses.
•
Max PCB static/DC voltage drop (IRd) budget can be relaxed to 5% of supply voltage when using
PMICs with remote sensing at the load as measured from PMIC’s power inductor and filter capacitor
node to Device’s supply input including any ground return losses.
•
PMIC component DM and guidelines should be referenced for the following:
–
Routing remote feedback sensing to optimize per each SMPS’s implementation
–
Selecting power filtering capacitor values and PCB placement.
•
Max Effective Resistance (Reff) budget can range from 4 – 50m
Ω for key Device power rails not
including ground returns depending upon maximum load currents and maximum DC voltage drop
budget (as discussed above).
•
Max Device supply input voltage difference budget of 5mV under max current loading shall be
maintained across all balls connected to a common power rail. This represents any voltage difference
that may exist between a remote sense point to any power input.
•
Max PCB Loop Inductance (LL) budget between Device’s power inputs and local bulk and high
frequency decoupling capacitors including ground returns should range from 0.4 – 2.5nH depending
upon maximum transient load currents.
•
Max PCB dynamic/AC peak-to-peak transient noise voltage budgets between PMIC and Device
including ground returns are as follows:
–
+/-3% of nominal supply voltage for frequencies below the PMIC bandwidth (typ Fpmic ~
200kHz)
–
+/-5% of nominal supply voltage for frequencies between Fpmic to Fpcb (typ 20 – 100MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com