Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 343 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 343 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 339Page - Texas Instruments TDA2SA Datasheet HTML 340Page - Texas Instruments TDA2SA Datasheet HTML 341Page - Texas Instruments TDA2SA Datasheet HTML 342Page - Texas Instruments TDA2SA Datasheet HTML 343Page - Texas Instruments TDA2SA Datasheet HTML 344Page - Texas Instruments TDA2SA Datasheet HTML 345Page - Texas Instruments TDA2SA Datasheet HTML 346Page - Texas Instruments TDA2SA Datasheet HTML 347Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 427 page
background image
SWPS040-199
343
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Routing of high-frequency clock signals on outer layers, even for a short distance, is discouraged,
because their emissions energy is concentrated at the discrete harmonics and can become significant
even with poor radiators.
Coplanar shielding of traces on outer layers (placing ground near the sides of a track along its length) is
effective only if the distance between the trace sides and the ground is smaller that the trace height above
the ground reference plane. For modern multilayer PCBs this is often not possible, so coplanar shielding
will not be effective. Do not route high-frequency traces near the periphery of the PCB, as the lack of a
ground reference near the trace edges can increase EMI: see Section 8.2.6.3, Ground Guidelines.
8.2.6.3
Ground Guidelines
8.2.6.3.1 PCB Outer Layers
Ideally the areas on the top and bottom layers of the PCB that are not enclosed by a shield should be
filled with ground after the routing is completed and connected with an adequate number of vias to the
ground on the inner ground planes.
8.2.6.3.2 Metallic Frames
Ensure that all metallic parts are well connected to the PCB ground (like LCD screens metallic frames,
antennas reference planes, connector cages, flex cables grounds, and so forth). If using flex PCB ribbon
cables to bring high-frequency signals off the PCB, ensure they are adequately shielded (coaxial cables or
flex ribbons with a solid reference ground).
8.2.6.3.3 Connectors
For high-frequency signals going to connectors choose a fully shielded connector, if possible (for example,
SD card connectors). For signals going to external connectors or which are routed over long distances, it
is recommended to reduce their bandwidth by using low-pass filters (resistor, capacitor (RC) combinations
or lossy ferrite inductors). These filters will help to prevent emissions from the board and can also improve
the immunity from external disturbances.
8.2.6.3.4 Guard Ring on PCB Edges
The major advantage of a multilayer PCB with ground-plane is the ground return path below each and
every signal or power trace.
As shown in Figure 8-18 the field lines of the signal return to PCB ground as long as an infinite ground is
available.
Traces near the PCB-edges do not have this infinite ground and therefore may radiate more than the
others. Thus, signals (clocks) or power traces (core power) identified to be critical must not be routed in
the vicinity of PCB edges, or, if not avoidable, must be accompanied by a guard ring on the PCB edge.
Figure 8-18. Field Lines of a Signal Above Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com