Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 338 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 338 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 334Page - Texas Instruments TDA2SA Datasheet HTML 335Page - Texas Instruments TDA2SA Datasheet HTML 336Page - Texas Instruments TDA2SA Datasheet HTML 337Page - Texas Instruments TDA2SA Datasheet HTML 338Page - Texas Instruments TDA2SA Datasheet HTML 339Page - Texas Instruments TDA2SA Datasheet HTML 340Page - Texas Instruments TDA2SA Datasheet HTML 341Page - Texas Instruments TDA2SA Datasheet HTML 342Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 427 page
background image
SWPS040-176
1.0e+01
1.0e+00
1.0e–01
1.0e–02
1.0e–03
1.0e–04
1.00e–002
1.00e+000
1.00e+002
Frequency (MHz)
1.00e+004
1.00e+006
1.00e+008
S-Parameter Magnitude
Job: GCM155R71E153KA55_15NF;
X =1/ C
C
ω
X = L
L
ω
Resonant frequency
(55 MHz) (minimum)
=
where :
æ
ö
-
ç
÷
è
ø
w =
2
2
1
Z
ESR +ωESL
ωC
2π
æ
ö
-
ç
÷
è
ø
2
1
ωESL
ωC
SWPS040-e002
¦
C
ESL
ESR
SWPS040-175
338
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 8-12. Characteristics of a Real Capacitor With ESL and ESR
The magnitude of the impedance of this series model is given as:
Figure 8-13. Series Model Impedance Equation
Figure 8-14 shows the resonant frequency response of a typical capacitor with a self-resonant frequency
of 55 MHz. The impedance of the capacitor is a combination of its series resistance and reactive
capacitance and inductance as shown in the equation above.
Figure 8-14. Typical Impedance Profile of a Capacitor
Because a capacitor has series inductance and resistance that impacts its effectiveness, it is important
that the following recommendations are adopted in placing capacitors on the PDN.
Wherever possible, mount the capacitor with the geometry that minimizes the mounting inductance and
resistance. This was shown earlier in Figure 8-1. The capacitor mounting inductance and resistance
values include the inductance and resistance of the pads, trace, and vias. Whenever possible, use
footprints that have the lowest inductance configuration as shown in Figure 8-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com