Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 396 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 396 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 392Page - Texas Instruments TDA2SA Datasheet HTML 393Page - Texas Instruments TDA2SA Datasheet HTML 394Page - Texas Instruments TDA2SA Datasheet HTML 395Page - Texas Instruments TDA2SA Datasheet HTML 396Page - Texas Instruments TDA2SA Datasheet HTML 397Page - Texas Instruments TDA2SA Datasheet HTML 398Page - Texas Instruments TDA2SA Datasheet HTML 399Page - Texas Instruments TDA2SA Datasheet HTML 400Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 427 page
background image
DQ7
DQ0
DM/TQS
DQS
DQS
DQ7
DQ0
DM/TQS
DQS
DQS
CK
ddrx_d31
ddrx_d24
8-Bit DDR3
Devices
0.1 µF
0.1 µF
0.1 µF
32-bit DDR3 EMIF
ddrx_dqm3
ddrx_dqs3
ddrx_dqsn3
ddrx_d23
ddrx_d16
ddrx_dqm2
ddrx_dqs2
ddrx_dqsn2
ddrx_d15
ddrx_d8
ddrx_dqm1
ddrx_dqs1
ddrx_dqsn1
ddrx_d7
ddrx_d0
ddrx_dqm0
ddrx_dqs0
ddrx_dqsn0
ddrx_ck
ddrx_nck
ddrx_odt0
ddrx_csn0
ddrx_ba0
ddrx_ba1
ddrx_ba2
ddrx_a0
ddrx_casn
ddrx_rasn
ddrx_wen
ddrx_cke
ddrx_rst
ddrx_vref0
8
8
8
8
16
CK
ODT
BA1
BA0
BA2
CS
A0
CAS
RAS
WE
RST
CKE
ZQ
VREFDQ
VREFCA
ZQ
CK
CK
ODT
BA1
BA0
BA2
CS
A0
CAS
RAS
WE
RST
CKE
ZQ
VREFDQ
VREFCA
Termination is required. See terminator comments.
Zo
Value determined according to the DDR memory device data sheet.
ZQ
DQ7
DQ0
DM/TQS
DQS
DQS
CK
DQ7
DM/TQS
DQS
DQS
8-Bit DDR3
Devices
0.1 µF
0.1 µF
DQ0
CK
ODT
BA1
BA0
BA2
CS
A0
CAS
RAS
WE
RST
CKE
ZQ
VREFDQ
VREFCA
CK
CK
ODT
BA1
BA0
BA2
CS
A0
CAS
RAS
WE
RST
CKE
ZQ
VREFDQ
VREFCA
ZQ
Zo
Zo
Zo
Zo
DDR_VREF
DDR_VTT
DDR_1V5
ZQ
ZQ
TDQS
NC
NC
TDQS
TDQS
NC
TDQS
NC
0.1 µF
ddrx_a15
A15
A15
A15
A15
396
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 8-59. 32-Bit, One-Bank DDR3 Interface Schematic Using Four 8-Bit DDR3 Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com