Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 400 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 400 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 396Page - Texas Instruments TDA2SA Datasheet HTML 397Page - Texas Instruments TDA2SA Datasheet HTML 398Page - Texas Instruments TDA2SA Datasheet HTML 399Page - Texas Instruments TDA2SA Datasheet HTML 400Page - Texas Instruments TDA2SA Datasheet HTML 401Page - Texas Instruments TDA2SA Datasheet HTML 402Page - Texas Instruments TDA2SA Datasheet HTML 403Page - Texas Instruments TDA2SA Datasheet HTML 404Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 427 page
background image
DDR3 Keepout Region
DDR3
Controller
PCB_DDR3_4
400
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
(1) DDR3 keepout region to encompass entire DDR3 routing area.
(2) Non-DDR3 signals allowed within DDR3 keepout region provided they are separated from DDR3 routing layers by a ground plane.
(3) If a device has more than one DDR controller, the signals from the other controller(s) are considered non-DDR3 and should be
separated by this specification.
8.7.3.8
DDR3 Keepout Region
The region of the PCB used for DDR3 circuitry must be isolated from other signals. The DDR3 keepout
region is defined for this purpose and is shown in Figure 8-61. The size of this region varies with the
placement and DDR routing. Additional clearances required for the keepout region are shown in Table 8-
47. Non-DDR3 signals should not be routed on the DDR signal layers within the DDR3 keepout region.
Non-DDR3 signals may be routed in the region, provided they are routed on layers separated from the
DDR signal layers by a ground layer. No breaks should be allowed in the reference ground layers in this
region. In addition, the 1.5-V DDR3 power plane should cover the entire keepout region. Also note that the
two signals from the DDR3 controller should be separated from each other by the specification in Table 8-
47, (see KOD37).
Figure 8-61. DDR3 Keepout Region
8.7.3.9
Bulk Bypass Capacitors
Bulk bypass capacitors are required for moderate speed bypassing of the DDR3 and other circuitry.
Table 8-48 contains the minimum numbers and capacitance required for the bulk bypass capacitors. Note
that this table only covers the bypass needs of the DDR3 controllers and DDR3 devices. Additional bulk
bypass capacitance may be needed for other circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com