Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 393 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 393 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 389Page - Texas Instruments TDA2SA Datasheet HTML 390Page - Texas Instruments TDA2SA Datasheet HTML 391Page - Texas Instruments TDA2SA Datasheet HTML 392Page - Texas Instruments TDA2SA Datasheet HTML 393Page - Texas Instruments TDA2SA Datasheet HTML 394Page - Texas Instruments TDA2SA Datasheet HTML 395Page - Texas Instruments TDA2SA Datasheet HTML 396Page - Texas Instruments TDA2SA Datasheet HTML 397Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 427 page
background image
DDR_CLK
1
393
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
(1) Center-to-center spacing is allowed to fall to minimum 2w for up to 500 mils of routed length to accommodate BGA escape and routing
congestion.
(2) A 16-bit DDR memory system has two sets of data net classes; one for data byte 0, and one for data byte 1, each with an associated
DQS (2 DQSs) per DDR EMIF used.
(3) A 32-bit DDR memory system has four sets of data net classes; one each for data bytes 0 through 3, and each associated with a DQS
(4 DQSs) per DDR EMIF used.
(4) There is no need, and it is not recommended, to skew match across data bytes; that is, from DQS0 and data byte 0 to DQS1 and data
byte 1.
(5) DQs from other DQS domains are considered other DDR2 trace.
(6) DQs from other data bytes are considered other DDR2 trace.
(7) This is the longest routing distance of each of the DQS and DQ net classes.
8.7.3
DDR3 Board Design and Layout Guidelines
8.7.3.1
Board Designs
TI only supports board designs using DDR3 memory that follow the guidelines in this document. The
switching characteristics and timing diagram for the DDR3 memory controller are shown in Table 8-42 and
Figure 8-57.
Table 8-42. Switching Characteristics Over Recommended Operating Conditions for DDR3 Memory
Controller
NO.
PARAMETER
MIN
MAX
UNIT
1
tc(DDR_CLK)
Cycle time, DDR_CLK
1.875
2.5(1)
ns
(1) This is the absolute maximum the clock period can be. Actual maximum clock period may be limited by DDR3 speed grade and
operating frequency (see the DDR3 memory device data sheet).
Figure 8-57. DDR3 Memory Controller Clock Timing
8.7.3.1.1 DDR3 versus DDR2
This specification only covers device PCB designs that use DDR3 memory. Designs using DDR2 memory
should use the PCB design specifications for DDR2 memory. While similar, the two memory systems have
different requirements. It is currently not possible to design one PCB that covers both DDR2 and DDR3.
8.7.3.2
DDR3 EMIFs
The processor contains two separate DDR3 EMIFs. This specification covers one of these EMIFs (ddr1_*)
and, thus, needs to be implemented twice, once for each EMIF. The PCB layout generally turns out to be
a semi-mirror with ddr2_* being a flipped version of ddr1_*; the only exception being the DDR3 devices
themselves are not flipped unless mounted on opposite sides of the PCB. Requirements are identical
between the two EMIFs.
8.7.3.3
DDR3 Device Combinations
Because there are several possible combinations of device counts and single- or dual-side mounting,
Table 8-43 summarizes the supported device configurations.
Table 8-43. Supported DDR3 Device Combinations(1)
NUMBER OF DDR3 DEVICES
DDR3 DATA DEVICE WIDTH
(BITS)
MIRRORED?
DDR3 EMIF WIDTH (BITS)
1
16
N
16
2
8
Y(2)
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com