Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 390 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 390 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 386Page - Texas Instruments TDA2SA Datasheet HTML 387Page - Texas Instruments TDA2SA Datasheet HTML 388Page - Texas Instruments TDA2SA Datasheet HTML 389Page - Texas Instruments TDA2SA Datasheet HTML 390Page - Texas Instruments TDA2SA Datasheet HTML 391Page - Texas Instruments TDA2SA Datasheet HTML 392Page - Texas Instruments TDA2SA Datasheet HTML 393Page - Texas Instruments TDA2SA Datasheet HTML 394Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 427 page
background image
390
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
8.7.2.2.8 Net Classes
Table 8-37 lists the clock net classes for the DDR2 interface. Table 8-38 lists the signal net classes, and
associated clock net classes, for the signals in the DDR2 interface. These net classes are used for the
termination and routing rules that follow.
Table 8-37. Clock Net Class Definitions
CLOCK NET CLASS
PIN NAMES
CK
ddrx_ck / ddrx_nck
DQS0
ddrx_dqs0 / ddrx_dqsn0
DQS1
ddrx_dqs1 / ddrx_dqsn1
DQS2(1)
ddrx_dqs2 / ddrx_dqsn2
DQS3(1)
ddrx_dqs3 / ddrx_dqsn3
(1) Only used on 32-bit wide DDR2 memory systems.
Table 8-38. Signal Net Class Definitions
SIGNAL NET CLASS
ASSOCIATED CLOCK
NET CLASS
PIN NAMES
ADDR_CTRL
CK
ddrx_ba[2:0], ddrx_a[14:0], ddrx_csnj, ddrx_casn, ddrx_rasn, ddrx_wen,
ddrx_cke, ddrx_odti
DQ0
DQS0
ddrx_d[7:0], ddrx_dqm0
DQ1
DQS1
ddrx_d[15:8], ddrx_dqm1
DQ2(1)
DQS2
ddrx_d[23:16], ddrx_dqm2
DQ3(1)
DQS3
ddrx_d[31:24], ddrx_dqm3
(1) Only used on 32-bit wide DDR2 memory systems.
8.7.2.2.9 DDR2 Signal Termination
Signal terminators are required in CK and ADDR_CTRL net classes. Serial terminators may be used on
data lines to reduce EMI risk; however, serial terminations are the only type permitted. ODTs are
integrated on the data byte net classes. They should be enabled to ensure signal integrity.Table 8-39
shows the specifications for the series terminators.
Table 8-39. DDR2 Signal Terminations
NO.
PARAMETER
MIN
TYP
MAX
UNIT
ST21
CK net class(1)(2)
0
10
Ω
ST22
ADDR_CTRL net class(1) (2)(3)(4)
0
22
Zo
Ω
ST23
Data byte net classes (DQS0-DQS3, DQ0-DQ3)(5)
0
Zo
Ω
(1) Only series termination is permitted, parallel or SST specifically disallowed on board.
(2) Only required for EMI reduction.
(3) Terminator values larger than typical only recommended to address EMI issues.
(4) Termination value should be uniform across net class.
(5) No external terminations allowed for data byte net classes. ODT is to be used.
8.7.2.2.10 VREF Routing
VREF (ddrx_vref0) is used as a reference by the input buffers of the DDR2 memories as well as the
processor. VREF is intended to be half the DDR2 power supply voltage and should be created using a
resistive divider as shown in Figure 8-51. Other methods of creating VREF are not recommended.
Figure 8-54 shows the layout guidelines for VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com