Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 387 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 387 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 383Page - Texas Instruments TDA2SA Datasheet HTML 384Page - Texas Instruments TDA2SA Datasheet HTML 385Page - Texas Instruments TDA2SA Datasheet HTML 386Page - Texas Instruments TDA2SA Datasheet HTML 387Page - Texas Instruments TDA2SA Datasheet HTML 388Page - Texas Instruments TDA2SA Datasheet HTML 389Page - Texas Instruments TDA2SA Datasheet HTML 390Page - Texas Instruments TDA2SA Datasheet HTML 391Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 427 page
background image
x1
y2
y1
y2
y1
PCB_DDR2_3
DDR2 Controller
387
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
8.7.2.2.4 Placement
Figure 8-52 shows the required placement for the Device as well as the DDR2 devices. The dimensions
for this figure are defined in Table 8-34. The placement does not restrict the side of the PCB on which the
devices are mounted. The ultimate purpose of the placement is to limit the maximum trace lengths and
allow for proper routing space. For a 16-bit DDR memory system, the high-word DDR2 device is omitted
from the placement.
Figure 8-52. Device and DDR2 Device Placement
Table 8-34. Placement Specifications DDR2
NO.
PARAMETER
MIN
MAX
UNIT
KOD21
X1
2000
Mils
KOD22
Y1
500
Mils
KOD23
Y2
1300
Mils
KOD24
DDR2 keepout region (1)
KOD25
Clearance from non-DDR2 signal to DDR2 keepout region (2) (3)
4
W
(1) DDR2 keepout region to encompass entire DDR2 routing area.
(2) Non-DDR2 signals allowed within DDR2 keepout region provided they are separated from DDR2 routing layers by a ground plane.
(3) If a device has more than one DDR controller, the signals from the other controller(s) are considered non-DDR2 and should be
separated by this specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com